Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC86183 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMC86183
Description  N-Channel Shielded Gate PowerTrench
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMC86183 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMC86183 Datasheet HTML 1Page - ON Semiconductor FDMC86183 Datasheet HTML 2Page - ON Semiconductor FDMC86183 Datasheet HTML 3Page - ON Semiconductor FDMC86183 Datasheet HTML 4Page - ON Semiconductor FDMC86183 Datasheet HTML 5Page - ON Semiconductor FDMC86183 Datasheet HTML 6Page - ON Semiconductor FDMC86183 Datasheet HTML 7Page - ON Semiconductor FDMC86183 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.onsemi.com
Semiconductor Components Industries, LLC, 2016
Publication Order Number:
December, 2016, Rev. 1.0
FDMC86183/D
1
Bottom
Top
Pin 1
Pin 1
G
D
S
S
S
D
D
D
S
S
S
G
D
D
D
D
FDMC86183
N-Channel
Shielded Gate PowerTrench® MOSFET
100 V, 47 A, 12.8 m
Ω
Features
Shielded Gate MOSFET Technology
Max rDS(on) = 12.8 mΩ at VGS = 10 V, ID = 16 A
Max rDS(on) = 34.6 mΩ at VGS = 6 V, ID = 8 A
50% Lower Qrr than Other MOSFET Suppliers
Lowers Switching Noise/EMI
MSL1 Robust Package Design
100% UIL Tested
RoHS Compliant
General Description
This
N-Channel
MV
MOSFET
is
produced
using
ON
Semiconductor’s
advanced
PowerTrench®
process
that
incorporates Shielded Gate technology. This process has been
optimized to minimise on-state resistance and yet maintain
superior switching performance with best in class soft body
diode.
Applications
Primary DC-DC MOSFET
Synchronous Rectifier in DC-DC and AC-DC
Motor Drive
Solar
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted.
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
100
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous
TC = 25 °C
(Note 5)
47
A
-Continuous
TC = 100 °C
(Note 5)
29
-Continuous
TA = 25 °C
(Note 1a)
9.7
-Pulsed
(Note 4)
189
EAS
Single Pulse Avalanche Energy
(Note 3)
96
mJ
PD
Power Dissipation
TC = 25 °C
52
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.3
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
2.4
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
53
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMC86183
FDMC86183
Power 33
13 ’’
12 mm
3000 units
Power 33



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com