Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3347LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3347LF
Description  Cable Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3347LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3347LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMA
MALE
RIGHT ANGLE
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
021308
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE
SMA MALE RIGHT ANGLE
RG188-DS
SMA MALE RIGHT ANGLE
PE3347LF-XX
CABLE ASSEMBLY, RG188-DS, SMA MALE
RIGHT ANGLE TO SMA MALE RIGHT ANGLE
(LEAD FREE)
50 OHM
50 OHM
50 OHM
SMA
MALE
RIGHT ANGLE


Similar Part No. - PE3347LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3347 PASTERNACK-PE3347 Datasheet
274Kb / 1P
CABLE ASSEMBLY RG18-DS SMA MALE RIGHT ANGLE TO SMA MALE RIGHT ANGLE
PE33476 PASTERNACK-PE33476 Datasheet
278Kb / 1P
CABLE ASSEMBLY RG316-DS SMB PLUG RIGHT ANGLE TO SMB PLUG RIGHT ANGLE
PE33476LF PASTERNACK-PE33476LF Datasheet
287Kb / 1P
CABLE ASSEMBLY RG316-DS SMB PLUG RIGHT ANGLE TO SMB PLUG RIGHT ANGLE(LEAD FREE)
PE33479 PASTERNACK-PE33479 Datasheet
93Kb / 1P
Cable Assembly
More results

Similar Description - PE3347LF

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
L99-346-3000 ROSENBERGER-L99-346-3000 Datasheet
639Kb / 3P
Cable Assembly
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
Cable assembly
LU7-071-500 ROSENBERGER-LU7-071-500 Datasheet
623Kb / 1P
Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
CABLE ASSEMBLY
LU1-034-600 ROSENBERGER-LU1-034-600 Datasheet
568Kb / 2P
Cable assembly
logo
JFW Industries, Inc.
016-107-XX JFW-016-107-XX Datasheet
67Kb / 1P
CABLE ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com