Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G241GT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC2G241GT
Description  Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G241GT Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC2G241GT Datasheet HTML 1Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 2Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 3Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 4Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 5Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 6Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2005 Feb 02
2
Philips Semiconductors
Product specification
Dual buffer/line driver with 5 V
tolerant inputs/outputs; 3-state
74LVC2G241
FEATURES
• Wide supply voltage range from 1.65 V to 5.5 V
• 5 V tolerant input/output for interfacing with 5 V logic
• High noise immunity
• Complies with JEDEC standard:
– JESD8-7 (1.65 V to 1.95 V)
– JESD8-5 (2.3 V to 2.7 V)
– JESD8B/JESD36 (2.7 V to 3.6 V).
•±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Inputs accept voltages up to 5 V
• Multiple package options
• ESD protection:
– HBM EIA/JESD22-A114-B exceeds 2000 V
– MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 °C to +85 °C and −40 °C to +125 °C.
DESCRIPTION
The 74LVC2G241 is a high-performance, low-power,
low-voltage, Si-gate CMOS device and superior to most
advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3 V or 5 V devices. This
feature allows the use of these devices as translators in a
mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down
applications using Ioff. The Ioff circuitry disables the output,
preventing the damaging backflow current through the
device when it is powered down.
The 74LVC2G241 is a dual non-inverting buffer/line driver
with 3-state outputs. The 3-state outputs are controlled by
the output enable inputs 1OE and 2OE. A HIGH level at
pin 1OE causes output 1Y to assume a high-impedance
OFF-state. A LOW level at pin 2OE causes output 2Y to
assume a high-impedance OFF-state. Schmitt-trigger
action at all inputs makes the circuit highly tolerant for
slower input rise and fall times.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = number of inputs switching;
∑(CL × VCC2 × fo) = sum of outputs.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay inputs nA to output nY VCC = 1.8 V; CL = 30 pF; RL =1kΩ
4.5
ns
VCC = 2.5 V; CL = 30 pF; RL = 500 Ω
2.8
ns
VCC = 2.7 V; CL = 50 pF; RL = 500 Ω
2.8
ns
VCC = 3.3 V; CL = 50 pF; RL = 500 Ω
2.6
ns
VCC = 5.0 V; CL = 50 pF; RL = 500 Ω
2.1
ns
CI
input capacitance
2
pF
CPD
power dissipation capacitance per buffer
output enabled; notes 1 and 2
20
pF
output disabled; notes 1 and 2
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com