Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFF450 Datasheet(PDF) 2 Page - Power Semiconductors

Part # AFF450
Description  FAST RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AFF450 Datasheet(HTML) 2 Page - Power Semiconductors

  AFF450 Datasheet HTML 1Page - Power Semiconductors AFF450 Datasheet HTML 2Page - Power Semiconductors AFF450 Datasheet HTML 3Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thermal impedance FAST DIODE MODULE
FINAL SPECIFICATION
apr 17 - ISSUE : 2
SWITCHING CHARACTERISTICS
0
400
800
1200
1600
2000
0
100
200
300
400
di/dt [A/µs]
REVERSE RECOVERY CHARGE
Tj = 150 °C
500 A
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
di/dt [A/µs]
REVERSE RECOVERY CURRENT
Tj = 150 °C
500 A
0
10
20
30
40
50
60
70
80
90
0
200
400
600
800
1000
1200
di/dt [A/µs]
FORWARD RECOVERY VOLTAGE
IF
VFR
VF
ta
ta = Irr / (di/dt)
tb = trr - ta
Softness (s factor) s = tb / ta
Energy dissipation during recovery Er = Vr · (Qrr - Irr ·ta / 2
)
Irr
Vr
tb
IF
d i/d t
1000 A
1000 A
Tj =150°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com