Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE20DV1027 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE20DV1027
Description  RF Tap Power Dividers Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE20DV1027 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE20DV1027 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE20DV1027 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE20DV1027 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE20DV1027 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE20DV1027 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
600
863
1125
1388
1650
1913
2175
2438
2700
dB
MHz
Insertion Loss
Low PIM 2 Way 4.3-10 Equal-Tapper High Power From 600 MHz to 2.7 GHz Rated at 300 Watts from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM 2 Way 4.3-10 Equal-Tapper High Power From 600 MHz to 2.7 GHz Rated at 300 Watts
PE20DV1027
URL: https://www.pasternack.com/low-pim-2-way-4.3-10-equal-tapper-600-mhz-2.7-ghz-300watts-pe20dv1027-p.aspx
PE20DV1027
PE20DV1027 REV 1.0
Low PIM 2 Way 4.3-10 Equal-Tapper High Power
From 600 MHz to 2.7 GHz Rated at 300 Watts
RF Tap Power Dividers Technical Data Sheet



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com