Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C102H Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C102H
Description  Precision Clock Synthesizer for Mobile PCs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C102H Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C102H Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C102H Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C102H Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C102H Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C102H Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C102H Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C102H Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C102H Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C102H Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PS8164A
09/29/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C102
Precision Clock Synthesizer for Mobile PCs
PinDescription
SelectFunctions
ClockEnableConfiguration
#
6
6
/
0
0
1
L
E
SL
E
Sn
o
it
c
n
u
F
00
Z
-i
H
01
e
v
it
c
a
z
H
M
6
6
10
e
d
o
M
t
s
e
T
11
e
v
it
c
a
z
H
M
0
0
1
#
P
O
T
S
_
U
P
C#
P
O
T
S
_
I
C
P#
N
W
D
_
R
W
P]
1
:
0
[
K
L
C
U
P
C]
5
:
1
[
K
L
C
I
C
PF
_
K
L
C
I
C
Ps
k
c
o
l
C
r
e
h
t
Ol
a
t
s
y
r
Cs'
O
C
V
XX
0
w
o
lw
o
lw
o
ld
e
p
p
o
t
sff
off
o
00
1
w
o
lw
o
lz
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
01
1
w
o
lz
H
M
3
3z
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
10
1
z
H
M
6
6
/
0
0
1w
o
lz
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
11
1
z
H
M
6
6
/
0
0
1z
H
M
3
3z
H
M
3
3g
n
i
n
n
u
rg
n
i
n
n
u
rg
n
i
n
n
u
r
n
i
Pe
m
a
N
l
a
n
g
i
Se
p
y
T.
y
t
Qn
o
it
p
ir
c
s
e
D
1N
I
_
L
A
T
XI
1
t
u
p
n
i
l
a
t
s
y
r
c
z
H
M
8
1
3
.
4
1
2T
U
O
_
L
A
T
XO
1
t
u
p
t
u
o
l
a
t
s
y
r
c
z
H
M
8
1
3
.
4
1
2
1
,
3V
I
C
P
S
S
]
1
:
0
[d
n
u
o
r
g2
st
u
p
t
u
o
k
c
o
l
c
I
C
P
r
o
f
d
n
u
o
r
G
4F
_
K
L
C
I
C
PO
1
t
u
p
t
u
o
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
1
1
,
0
1
,
8
,
7
,
5]
5
:
1
[
K
L
C
I
C
PO
5
V
3
.
3
el
b
it
a
m
o
c
L
T
T
,s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
9
,
6V
I
C
P
D
D
]
1
:
0
[r
e
w
o
p2
st
u
p
t
u
o
k
c
o
l
c
I
C
P
r
o
f
r
e
w
o
P
1
2V
1
E
R
O
C
D
D
r
e
w
o
p1
e
r
o
c
r
o
f
r
e
w
o
p
d
e
t
al
o
s
I
0
2V
E
R
O
C
S
S1
d
n
u
o
r
g1
e
r
o
c
r
o
f
d
n
u
o
r
g
d
e
t
al
o
s
I
5
1#
6
6
/
0
0
1
L
E
SI
1
z
H
M
6
6
=
L
.z
H
M
0
0
1
=
H
z
H
M
6
6
r
o
z
H
M
0
0
1
g
n
il
b
a
n
e
r
o
f
n
i
p
t
c
el
e
S
6
1L
E
SI
1
t
c
el
e
S
e
d
o
M
e
v
it
c
A
r
o
t
s
e
T
7
1#
N
W
D
R
W
PI
1
W
O
L
d
l
e
h
n
e
h
w
e
ci
v
e
d
n
w
o
d
s
r
e
w
o
P
8
1#
P
O
T
S
U
P
CI
1
W
O
L
d
l
e
h
fi
W
O
L
s
k
c
o
l
c
U
P
C
s
p
o
t
S
9
1#
P
O
T
S
I
C
PI
1
W
O
L
d
l
e
h
fi
W
O
L
s
k
c
o
l
c
I
C
P
s
p
o
t
S
2
2V
U
P
C
S
S
d
n
u
o
r
g1
st
u
p
t
u
o
U
P
C
r
o
f
d
n
u
o
r
G
4
2
,
3
2]
1
:
0
[
K
L
C
U
P
CO
2
V
5
.
2
st
u
p
t
u
o
k
c
o
l
c
t
s
o
H
d
n
a
U
P
C
5
2V
U
P
C
D
D
r
e
w
o
p1
st
u
p
t
u
o
U
P
C
r
o
f
r
e
w
o
P
6
2F
E
RO
1
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
1
3
.
4
1
7
2V
F
E
R
D
D
r
e
w
o
p1
st
u
p
t
u
o
F
E
R
r
o
f
r
e
w
o
P
8
2V
F
E
R
S
S
d
n
u
o
r
g1
st
u
p
t
u
o
F
E
R
r
o
f
d
n
u
o
r
G
n
o
it
c
n
u
F
n
o
it
p
i
r
c
s
e
D
s
t
u
p
t
u
O
]
1
:
0
[
U
P
CF
I
C
P
,]
5
:
0
[
I
C
PF
E
R
Z
-i
HZ
-i
HZ
-i
HZ
-i
H
e
d
o
M
t
s
e
T2
/
K
L
C
T6
/
K
L
C
TK
L
C
T
Notes:
TCLK is a test clock over driven on he XTAL_IN inpu during test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com