Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-034SR Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-034SR
Description  TECHNICAL DATA SHEET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-034SR Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-034SR Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-034SR Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-034SR Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
034 Semi-rigid Coax Cable with Copper Outer Conductor
Configuration
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Shield Materials
Copper
Jacket Material and Color
Tan
Electrical Specifications
Impedance, Ohms
50
Maximum Operating Frequency, GHz
40
Maximum Operating Voltage, Volts
2,000
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
1000
Attenuation, dB/100ft [dB/100m]
60 [196.85]
Power Handling, Watts
10
Frequency 2
Frequency, GHz
10
Attenuation, dB/100ft [dB/100m]
190 [623.36]
Power Handling, Watts
3.1
Frequency 3
Frequency, GHz
20
Attenuation, dB/100ft [dB/100m]
280 [918.64]
Power Handling, Watts
2
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +100
Inner Conductor
Number of Strands
1
Material
Copper Clad Steel
Plating
Silver
Diameter, in [mm]
0.008 [0.2]
Dielectric:
Type
PTFE
Diameter, in [mm]
0.026 [0.66]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 034 Semi-rigid Coax Cable with Copper Outer Conductor PE-034SR
PE-034SR
PE-034SR REV
034 Semi-rigid Coax Cable with Copper Outer Conductor


Similar Part No. - PE-034SR

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0302MCMC120GT PULSE-PE-0302MCMC120GT Datasheet
617Kb / 4P
Multi-Layer Common Mode Chip Choke
PE-0302MCMC470MT PULSE-PE-0302MCMC470MT Datasheet
617Kb / 4P
Multi-Layer Common Mode Chip Choke
PE-0302MCMC900MT PULSE-PE-0302MCMC900MT Datasheet
617Kb / 4P
Multi-Layer Common Mode Chip Choke
logo
List of Unclassifed Man...
PE-031-10-13 ETC2-PE-031-10-13 Datasheet
260Kb / 2P
Thermoelectric module
PE-031-10-15 ETC2-PE-031-10-15 Datasheet
257Kb / 2P
Thermoelectric module
More results

Similar Description - PE-034SR

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com