Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1059549 Datasheet(PDF) 5 Page - SICK AG

Part # 1059549
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1059549 Datasheet(HTML) 5 Page - SICK AG

  1059549 Datasheet HTML 1Page - SICK AG 1059549 Datasheet HTML 2Page - SICK AG 1059549 Datasheet HTML 3Page - SICK AG 1059549 Datasheet HTML 4Page - SICK AG 1059549 Datasheet HTML 5Page - SICK AG 1059549 Datasheet HTML 6Page - SICK AG 1059549 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GRSE18S-F2331 | GR18S
PHOTOELECTRIC SENSORS
Sensing range diagram
GRSE18S
0
4
(13.12)
8
(26.25)
12
(39.37)
16
(52.49)
Distance in m (feet)
Operating range
Sensing range typ. max.
0
15
10
Dimensional drawing (Dimensions in mm (inch))
GR18S, metal, connector, straight
1 x M18
2
5
1
6
1 x M12
4
3
①  Connector M12, 3-pin
②  Threaded mounting hole M18 x 1
③  LED indicator yellow
④  LED indicator green
⑤  Dummy plug
⑥  Fastening nuts (2x); width across 24, metal
Recommended accessories
Other models and accessories
www.sick.com/GR18S
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: open cable ends
Cable: PVC, unshielded, 2 m
DOL-1204-G02M
6009382
Head A: female connector, M12, 4-pin, straight
Head B: open cable ends
Cable: PVC, unshielded, 5 m
DOL-1204-G05M
6009866
2017-12-07 16:01:50 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com