Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN90CP02 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN90CP02
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90CP02 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button SCAN90CP02 Datasheet HTML 4Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 5Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 6Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 7Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 8Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 9Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 10Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 11Page - National Semiconductor (TI) SCAN90CP02 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Typical Performance Characteristics for LLP Package
Power Supply Current vs. Bit Data Rate
Total Jitter (T
J) vs. Bit Data Rate
20071441
Dynamic power supply current was measured while running a PRBS 223-1
pattern in dual channel repeater mode. VCC = 3.3V, TA = +25˚C, VID = 0.5V,
VCM = 1.2V
20071442
Total Jitter measured at 0V differential while running a PRBS 223-1 pattern in
single channel repeater mode. VCC = 3.3V, TA = +25˚C, VID = 0.5V, 0%
Pre-emphasis
Total Jitter (T
J) vs. Temperature
Positive Edge Transition vs. Pre-emphasis Level
20071443
Dynamic power supply current was measured while running a PRBS 223-1
pattern in dual channel repeater mode. VCC = 3.3V, VID = 0.5V, VCM = 1.2V,
1.5 Gbps data rate, 0% Pre-emphasis
20071455
FIGURE 7. Typical Performance Characteristics
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com