Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF261S33 Datasheet(PDF) 4 Page - Power Semiconductors

Part # ARF261S33
Description  FAST RECOVERY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ARF261S33 Datasheet(HTML) 4 Page - Power Semiconductors

  ARF261S33 Datasheet HTML 1Page - Power Semiconductors ARF261S33 Datasheet HTML 2Page - Power Semiconductors ARF261S33 Datasheet HTML 3Page - Power Semiconductors ARF261S33 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ARF261 FAST RECOVERY DIODE
FINAL SPECIFICATION
June 17 - Issue: 3
Distributed by
0
50
100
150
200
250
300
350
400
0
2
4
6
8
Forward Voltage [V]
FORWARD CHARACTERISTIC
Tj = 125 °C
0
10
20
30
40
50
60
70
80
90
100
0,001
0,01
0,1
1
10
100
t[s]
TRANSIENT THERMAL IMPEDANCE
DOUBLE SIDE COOLED
0
0,5
1
1,5
2
2,5
3
3,5
1
10
100
n° cycles
SURGE CHARACTERISTIC
Tj = 125 °C
All the characteristics given in this data sheet are guaranteed only with uniform clamping force,
cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 µm.
In the interest of product improvement POSEICO SpA reserves the right to change any data
given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded background) and
characteristics is reported.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com