Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWW5SM Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LCWW5SM
Description  Furniture Lighting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5SM Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LCWW5SM Datasheet HTML 10Page - OSRAM GmbH LCWW5SM Datasheet HTML 11Page - OSRAM GmbH LCWW5SM Datasheet HTML 12Page - OSRAM GmbH LCWW5SM Datasheet HTML 13Page - OSRAM GmbH LCWW5SM Datasheet HTML 14Page - OSRAM GmbH LCWW5SM Datasheet HTML 15Page - OSRAM GmbH LCWW5SM Datasheet HTML 16Page - OSRAM GmbH LCWW5SM Datasheet HTML 17Page - OSRAM GmbH LCWW5SM Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
2017-06-06
14
Version 1.3
LCW W5SM
Relative Forward Voltage 5) page 25
Relative Vorwärtsspannung 5) Seite 25
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 5) page 25
Relativer Lichtstrom 5) Seite 25
ΦV/ΦV(25 °C) = f(Tj); IF = 350 mA
Chromaticity Coordinate Shift 5) page 25
Farbortverschiebung 5) Seite 25
ΔCx, ΔCy = f(Tj); IF = 350 mA
LCW W5SM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆V
F [V]
LCW W5SM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(25°C)
LCW W5SM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
0,38
0,40
0,42
0,44
0,46
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com