Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEAQ7WP Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LEAQ7WP
Description  Headup Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAQ7WP Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LEAQ7WP Datasheet HTML 8Page - OSRAM GmbH LEAQ7WP Datasheet HTML 9Page - OSRAM GmbH LEAQ7WP Datasheet HTML 10Page - OSRAM GmbH LEAQ7WP Datasheet HTML 11Page - OSRAM GmbH LEAQ7WP Datasheet HTML 12Page - OSRAM GmbH LEAQ7WP Datasheet HTML 13Page - OSRAM GmbH LEAQ7WP Datasheet HTML 14Page - OSRAM GmbH LEAQ7WP Datasheet HTML 15Page - OSRAM GmbH LEAQ7WP Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2017-05-11
12
Version 1.5 - OS-PCN-2016-024-A
LE A Q7WP
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
LE A Q7WP
0
20
40
60
80
100
T [°C]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
5,5
IF [A]
: Ts
10-6
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time [s]
5
6
7
IF [A]
TS = 0°C ... 77°C
LE A Q7WP
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005
10-6
10-5
10-4
10-3
0,01
0,1
1
10
Pulse time [s]
2
3
4
5
6
7
IF [A]
TS = 105°C
LE A Q7WP
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com