Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRT68F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRT68F
Description  Information Displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRT68F Datasheet(HTML) 1 Page - OSRAM GmbH

  LRT68F Datasheet HTML 1Page - OSRAM GmbH LRT68F Datasheet HTML 2Page - OSRAM GmbH LRT68F Datasheet HTML 3Page - OSRAM GmbH LRT68F Datasheet HTML 4Page - OSRAM GmbH LRT68F Datasheet HTML 5Page - OSRAM GmbH LRT68F Datasheet HTML 6Page - OSRAM GmbH LRT68F Datasheet HTML 7Page - OSRAM GmbH LRT68F Datasheet HTML 8Page - OSRAM GmbH LRT68F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-03-01
1
2017-03-01
TOPLED Black Surface
Datasheet
Version 1.1 - OS-PCN-2017-005-A
LR T68F
First SMT LED with integrated reflector. With our great
experience on SMT LED we are able to offer a high
quality product for all kind of applications.
Erste SMT LED mit integrierten Reflektor. Mit unserer
großen Erfahrung auf dem Gebiet der SMT LEDs sind
wir in der Lage ein qualitativ hochwertiges Produkt für
alle Anwenundgen anzubieten.
Features:
Besondere Merkmale:
Package: white PLCC-2 package, colorless resin
Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser Verguss
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: red (625 nm)
Farbe: rot (625 nm)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Information Displays
Informationsanzeigen
Traffic lights
Ampelanlagen
Signaling
Signalanlagen
Signal and Symbol Luminary
Signal- und Symbolleuchten
Variable Message Signs (VMS)
Wechselanzeigen (VMS)


Similar Part No. - LRT68F

ManufacturerPart #DatasheetDescription
logo
ams AG
LRT68F AMSCO-LRT68F Datasheet
1Mb / 21P
First SMT LED with integrated reflector.
Version 1.4 2023-04-17
LRT68F-U2AB-1-3A4B AMSCO-LRT68F-U2AB-1-3A4B Datasheet
1Mb / 21P
First SMT LED with integrated reflector.
Version 1.4 2023-04-17
More results

Similar Description - LRT68F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOM67K OSRAM-LOM67K Datasheet
501Kb / 20P
Information Displays
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
Information Displays
LPM67K OSRAM-LPM67K Datasheet
501Kb / 20P
Information Displays
LRT66F OSRAM-LRT66F Datasheet
2Mb / 23P
Information Displays
LYM67K OSRAM-LYM67K Datasheet
503Kb / 20P
Information Displays
LYQ396 OSRAM-LYQ396 Datasheet
1Mb / 20P
Information Displays
LYT64F OSRAM-LYT64F Datasheet
2Mb / 24P
Information Displays
LYT66F OSRAM-LYT66F Datasheet
706Kb / 23P
Information Displays
LYT68F OSRAM-LYT68F Datasheet
549Kb / 22P
Information Displays
LBT66G OSRAM-LBT66G Datasheet
2Mb / 23P
Information Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com