Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3385LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3385LF
Description  SMA Male to SMA Male Cable Using RG142 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3385LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3385LF Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3385LF Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3385LF Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3385LF Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Male
• Cable Type: RG142
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
8
GHz
VSWR
1.4:1
Return Loss
15.56
dB
Velocity of Propagation
69.2
%
RF Shielding
90
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
Operating Voltage (AC)
500
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.5
1
2
4
8
GHz
dB/m
Insertion Loss (Typ.)
0.279
0.33
0.384
0.499
dB/ft
0.92
1.08
1.26
1.64
dB/m
.
Mechanical Specifications
Cable Assembly
Diameter
0.315 in [8 mm]
.
Weight
0.074 lbs [33.57 g]
Cable
Cable Type
RG142
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable Using RG142 Coax, RoHS PE3385LF
PE3385LF REV 1.1
SMA Male to SMA Male Cable Using RG142 Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3385LF


Similar Part No. - PE3385LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3385LF-12 PASTERNACK-PE3385LF-12 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 12 Inch Length Using RG142 Coax, RoHS
PE3385LF-18 PASTERNACK-PE3385LF-18 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 18 Inch Length Using RG142 Coax, RoHS
PE3385LF-24 PASTERNACK-PE3385LF-24 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using RG142 Coax, RoHS
PE3385LF-36 PASTERNACK-PE3385LF-36 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 36 Inch Length Using RG142 Coax, RoHS
PE3385LF-48 PASTERNACK-PE3385LF-48 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 48 Inch Length Using RG142 Coax, RoHS
More results

Similar Description - PE3385LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3385 PASTERNACK-PE3385 Datasheet
382Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax
PE3385-24 PASTERNACK-PE3385-24 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using RG142 Coax
PE3385LF-6 PASTERNACK-PE3385LF-6 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 6 Inch Length Using RG142 Coax, RoHS
PE3385LF-12 PASTERNACK-PE3385LF-12 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 12 Inch Length Using RG142 Coax, RoHS
PE3385LF-18 PASTERNACK-PE3385LF-18 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 18 Inch Length Using RG142 Coax, RoHS
PE3385LF-24 PASTERNACK-PE3385LF-24 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using RG142 Coax, RoHS
PE3385LF-36 PASTERNACK-PE3385LF-36 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 36 Inch Length Using RG142 Coax, RoHS
PE3385LF-48 PASTERNACK-PE3385LF-48 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 48 Inch Length Using RG142 Coax, RoHS
PE3385LF-60 PASTERNACK-PE3385LF-60 Datasheet
381Kb / 4P
SMA Male to SMA Male Cable 60 Inch Length Using RG142 Coax, RoHS
PE3385LF-72 PASTERNACK-PE3385LF-72 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 72 Inch Length Using RG142 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com