Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3385LF-12 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3385LF-12
Description  SMA Male to SMA Male Cable 12 Inch Length Using RG142 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3385LF-12 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3385LF-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3385LF-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3385LF-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3385LF-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Male
• Cable Type: RG142
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
8
GHz
VSWR
1.4:1
Return Loss
15.56
dB
Velocity of Propagation
69.2
%
RF Shielding
90
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
Operating Voltage (AC)
500
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.5
1
2
4
8
GHz
Insertion Loss (Typ.)
0.279
0.33
0.384
0.499
dB
.
Mechanical Specifications
Cable Assembly
Length*
12 in [304.8 mm]
Diameter
0.315 in [8 mm]
.
Weight
0.074 lbs [33.57 g]
Cable
Cable Type
RG142
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable 12 Inch Length Using RG142 Coax, RoHS PE3385LF-12
PE3385LF-12 REV 1.1
SMA Male to SMA Male Cable 12 Inch
Length Using RG142 Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3385LF-12


Similar Part No. - PE3385LF-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3385LF-18 PASTERNACK-PE3385LF-18 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 18 Inch Length Using RG142 Coax, RoHS
More results

Similar Description - PE3385LF-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3385-12 PASTERNACK-PE3385-12 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 12 Inch Length Using RG142 Coax
PE3385-24 PASTERNACK-PE3385-24 Datasheet
378Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using RG142 Coax
PE3385LF PASTERNACK-PE3385LF Datasheet
384Kb / 4P
SMA Male to SMA Male Cable Using RG142 Coax, RoHS
PE3385LF-6 PASTERNACK-PE3385LF-6 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 6 Inch Length Using RG142 Coax, RoHS
PE3385LF-18 PASTERNACK-PE3385LF-18 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 18 Inch Length Using RG142 Coax, RoHS
PE3385LF-24 PASTERNACK-PE3385LF-24 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using RG142 Coax, RoHS
PE3385LF-36 PASTERNACK-PE3385LF-36 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 36 Inch Length Using RG142 Coax, RoHS
PE3385LF-48 PASTERNACK-PE3385LF-48 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 48 Inch Length Using RG142 Coax, RoHS
PE3385LF-60 PASTERNACK-PE3385LF-60 Datasheet
381Kb / 4P
SMA Male to SMA Male Cable 60 Inch Length Using RG142 Coax, RoHS
PE3385LF-72 PASTERNACK-PE3385LF-72 Datasheet
380Kb / 4P
SMA Male to SMA Male Cable 72 Inch Length Using RG142 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com