Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE39344H Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39344H
Description  SMA Female to Violet FAKRA Plug Cable Using PE-C100-LSZH Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39344H Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39344H Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39344H Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39344H Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39344H Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Cable
Cable Type
PE-C100-LSZH
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel
Dielectric Type
PE
Number of Shields
2
Shield Layer 1
Aluminum Tape
Shield Layer 2
Tinned Copper Braid
Jacket Material
LSZH, Black
Jacket Diameter
0.109 in [2.77 mm]
.
One Time Minimum Bend Radius
0.25 in [6.35 mm]
Repeated Minimum Bend Radius
1 in [25.4 mm]
Bending Moment
0.1 lbs-ft [0.14 N-m]
Flat Plate Crush
10 lbs/in [0.18 Kg/mm]
Tensile Strength
15 lbs [6.8 Kg]
Connectors
Description
Connector 1
Connector 2
Type
SMA Female
FAKRA Plug
Specification
MIL-STD-348
Impedance
50 Ohms
50 Ohms
Configuration
Straight
Straight
Mating Cycles
100
Contact Material and Plating
Beryllium Copper, Gold
Phosphor Bronze, Gold
Dielectric Type
Teflon
Teflon
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Plastic
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE39344H REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to Violet FAKRA Plug Cable Using PE-C100-LSZH Coax PE39344H
RF Cable Assemblies Technical Data Sheet
PE39344H
SMA Female to Violet FAKRA Plug Cable
Using PE-C100-LSZH Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com