Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP39136H Datasheet(PDF) 1 Page - CUI INC

Part # CP39136H
Description  PELTIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP39136H Datasheet(HTML) 1 Page - CUI INC

  CP39136H Datasheet HTML 1Page - CUI INC CP39136H Datasheet HTML 2Page - CUI INC CP39136H Datasheet HTML 3Page - CUI INC CP39136H Datasheet HTML 4Page - CUI INC CP39136H Datasheet HTML 5Page - CUI INC CP39136H Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 09/25/2017
page 1 of 6
SERIES: CP39H
│ DESCRIPTION: PELTIER MODULE
FEATURES
• arcTEC™ structure on select models
• enhanced reliability for high thermal cycling
• superior thermal performance
• silicon sealed
• wide ΔT max
• low profile
• precise temperature control
• solid state construction
MODEL
input
voltage1
input
current2
output
Qmax3
output
∆Tmax4
max
(Vdc)
max
(A)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP39136H
3.8
3.9
8.6
9.5
70
77
CP39236H
8.8
3.9
18.7
20.9
70
77
CP393365H5
15.7
3.9
35.2
39.0
70
77
Notes:
1. Maximum voltage at ΔT max and T
h=27°C
2. Maximum current to achieve ΔT max
3. Maximum heat absorbed at cold side occurs at I
max, Vmax, and ∆T=0°C
4. Maximum temperature difference occurs at I
max, Vmax, and Q=0W (ΔT max measured in a vacuum at 1.3 Pa)
5. Designed with arcTEC™ structure.
PART NUMBER KEY
Base Number
Thickness:
36 = 3.6 mm
3651 = 3.65 mm
CP39 XXXX XXX H
Length x Width:
1 = 15 x 15 mm
2 = 20 x 20 mm
3 = 30 x 30 mm
Notes:
1. Only available in
30 x 30 mm size
For more information, please visit the product page.


Similar Part No. - CP39136H

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP39136H CUI-CP39136H Datasheet
639Kb / 6P
PELTIER MODULE
CP39136H CUI-CP39136H Datasheet
1Mb / 9P
PELTIER MODULE
11/12/2020
logo
CUI Devices
CP39136H CUID-CP39136H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
logo
Same Sky Devices
CP39136H SAMESKY-CP39136H Datasheet
1Mb / 9P
PELTIER MODULE
09/12/2024
More results

Similar Description - CP39136H

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com