Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP70337 Datasheet(PDF) 7 Page - CUI INC

Part # CP70337
Description  PELTIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP70337 Datasheet(HTML) 7 Page - CUI INC

  CP70337 Datasheet HTML 1Page - CUI INC CP70337 Datasheet HTML 2Page - CUI INC CP70337 Datasheet HTML 3Page - CUI INC CP70337 Datasheet HTML 4Page - CUI INC CP70337 Datasheet HTML 5Page - CUI INC CP70337 Datasheet HTML 6Page - CUI INC CP70337 Datasheet HTML 7Page - CUI INC CP70337 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
cui.com
date 12/01/2017
│ page 7 of 8
CUI Inc
│ SERIES: CP70 │ DESCRIPTION: PELTIER MODULE
1.4 A
2.8 A
4.2 A
7 A
5.6 A
1.4 A
2.8 A
4.2 A
5.6 A
7 A
16
12
8.0
4.0
70
60
50
40
30
20
10
0
60
40
20
0
T=Th-Tc (°C)
0
CP70437 PERFORMANCE (Th=27°C)
1.4 A
2.8 A
4.2 A
5.6 A
7 A
1.4 A
2.8 A
4.2 A
5.6 A
7 A
16
12
8.0
4.0
70
60
50
40
30
20
10
0
60
40
20
0
T=Th-Tc (°C)
0
CP70437 PERFORMANCE (Th=50°C)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com