Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE38751H Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE38751H
Description  Violet FAKRA Plug to FAKRA Plug Cable Using RG174 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE38751H Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE38751H Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE38751H Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE38751H Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE38751H Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Number of Shields
1
Shield Layer 1
Tinned Copper Braid
Jacket Material
PVC, Black
Jacket Diameter
0.1 in [2.54 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
FAKRA Plug
FAKRA Plug
Impedance
50 Ohms
50 Ohms
Configuration
Straight
Straight
Contact Material and Plating
Phosphor Bronze, Gold
Phosphor Bronze, Gold
Dielectric Type
Teflon
Teflon
Outer Conductor Material and Plating
Brass, Nickel
Brass, Nickel
Body Material and Plating
Plastic
Plastic
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE38751H REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Violet FAKRA Plug to FAKRA Plug Cable Using RG174 Coax PE38751H
RF Cable Assemblies Technical Data Sheet
PE38751H
Violet FAKRA Plug to FAKRA Plug Cable Using RG174 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com