Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF515 Datasheet(PDF) 5 Page - Power Semiconductors

Part # ATF515
Description  FAST SWITCHING THYRISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ATF515 Datasheet(HTML) 5 Page - Power Semiconductors

  ATF515 Datasheet HTML 1Page - Power Semiconductors ATF515 Datasheet HTML 2Page - Power Semiconductors ATF515 Datasheet HTML 3Page - Power Semiconductors ATF515 Datasheet HTML 4Page - Power Semiconductors ATF515 Datasheet HTML 5Page - Power Semiconductors ATF515 Datasheet HTML 6Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ATF515 FAST SWITCHING THYRISTOR
TARGET SPECIFICATION
mag 06 - ISSUE : 06
TRAPEZOIDAL WAVE 500A/µs
ITM
10000 A
7000 A
5000 A
3000 A
2000 A
1000 A
MAX REPETITION RATE
Th = 55°C
Th = 85°C
ENERGY PER PULSE
0,01
0,1
1
10
100
1000
10
100
1000
10000
tp [µs]
1
10
100
1000
10000
100000
10
100
1000
10000
tp[µs]
1
10
100
1000
10000
100000
10
100
1000
10000
tp[µs]
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com