Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAH8002EP-2P Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAH8002EP-2P
Description  Low Power Optical Heart Rate Detection Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8002EP-2P Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAH8002EP-2P Datasheet HTML 1Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 2Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 3Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 4Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 5Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 6Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 7Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 8Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Version 1.3 | 25 Sep 2017 | 31007AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAH8002EP-2P Product Datasheet
Low Power Optical Heart Rate Detection Chip
PixArt Imaging Inc.
Introduction
1.1
Overview
The PAH8002EP is a low power and high-performance CMOS-process optical chip, targeted as a Heart Rate Detection (HRD)
chip. It is built-in with 2 Green LEDs, 1 Infrared LED and integrated DSP It comes with two communication interfaces, which
are I2C supporting up to 1 Mbit/s and Four-Wire SPI supporting up to 2 Mbit/s. SRAM buffer of 832 bytes is supported for
the power saving at the host.
The Figure 1 shows the architecture block diagram of the device. Refer to the subsequent chapters for detailed information
on the functionality of the different interface blocks.
Note: Throughout this document PAH8002EP low power Optical CMOS Heart Rate Chip is referred to as the chip.
Pixel Array
Timing Generator
PGA + ADC
LED Driver
Signal Process
SRAM
FIFO Buffer
LED Channel
Clock Generator
Lo speed
RC 32Khz
Hi speed
RC 32Mhz
Power Regulator
Output
VDDD: 1.8V
VDDA: 2.8V
VBGP: 1.2V
Input
VDDM: 3.3 - 3.6V
VDDIO:1.62 – 3.6V
VDD_LED: 3.3 - 3.6V
INT
I
2C
SPI
CH2:
Green 525nm
CH1:
Green 525nm
CH0:
IR 940nm
PAH8002EP
LED1
LED2
VDDD
Reset
LED0
VDDA28
VBGP
VDDAY
VDD_LED1
VDD_LED2
SPI_SCLK_
I2C_SCL
SPI_CSN
SPI_SDO
SPI_I2C
I/O Interfaces
SPI_SDI_
I2C_SDA
VDDM
RESET_N
INT
VSSA
VSSD
VSSLED
P
O
W
E
R
G
N
D
SERIAL INTERFACE
T
E
S
T
Figure 1. Functional Block Diagram
1.2
Terminology
Term
Description
GND
Ground
BiDir
Bi-Directional
PPG
Photoplethysmogram
Touch
Touch detection for wear on or wear off
SW reset
Software reset by register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com