Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAJ7620F2 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAJ7620F2
Description  Integrated Gesture Recognition Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAJ7620F2 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAJ7620F2 Datasheet HTML 1Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 2Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 3Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 4Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 5Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 6Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 7Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 8Page - Pixart Imaging Inc. PAJ7620F2 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
PixArt Imaging Inc.
PAJ7620F2 General Datasheet
Integrated Gesture Recognition Sensor
Version 1.0 | 29 Mar 2016 | 41001AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAJ7620F2: Integrated Gesture Recognition Sensor
General Description
The PAC7620 integrates gesture recognition function
with general I2C interface into a single chip forming an
image analytic sensor system. It can recognize 9 human
hand gesticulations such as moving up, down, left, right,
forward,
backward,
circle-clockwise,
circle-counter
clockwise, and waving. It also offers built-in proximity
detection in sensing approaching or departing object
from the sensor. The PAC7620 is designed with great
flexibility in power-saving mechanism, well suit for low
power battery operated HMI devices. The PAJ7620 is
packaged into module form in-built with IR LED and optics
lens as a complete sensor solution
Key Features
Gesture/Cursor modes
Built-in proximity detection
Gesture speed is 60~600°/s in Normal Mode and
60~1200°/s in Gaming Mode
Flexible power saving scheme
Communication interface options
I2C (for Gesture/Cursor mode)
I2C interface up to 400 Kbit/s
Ambient light immunity
Ambient light noise cancellation
Applications
PAD Phone
Tablet Personal Computer
Automobile Application
Key Parameters
Parameter
Value
Array Size
60x60 pixels
Pixel Size
20x20 µm2
Max Frame Rate
720 fps @ 240 report rate
Input Clock
N/A
Supply Voltage
VDD: 2.8~3.6V
VLED: 3.0~4.2V
Current
Consumption
Operation State:4.6~9.2 mA
Standby 1 State: 2.3mA
Standby 2 State: 1.5mA
Package Dimensions
7.1x3.5x3.03mm3
Ordering Information
Part Number
Package Type
PAJ7620F2
6-pins FPC Module
For any additional inquiries, please contact us at
http://www.pixart.com/contact.asp.


Similar Part No. - PAJ7620F2

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAJ7620U2 PIXART-PAJ7620U2 Datasheet
1Mb / 28P
Integrated Gesture Recognition Sensor
More results

Similar Description - PAJ7620F2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUX1020 AD-ADUX1020 Datasheet
727Kb / 32P
Photometric Sensor for Gesture and Proximity
REV. A
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9500 AVAGO-APDS-9500 Datasheet
298Kb / 36P
Imaging-Based Proximity and Gesture Sensor
logo
American Electronic Com...
TMR6206 AEC-TMR6206 Datasheet
335Kb / 5P
TMR PATTERN RECOGNITION SENSOR
logo
STMicroelectronics
53L0-SATEL-I1 STMICROELECTRONICS-53L0-SATEL-I1 Datasheet
200Kb / 4P
Allows basic gesture recognition use case
02-May-2016
logo
Pixart Imaging Inc.
PAJ7620U2 PIXART-PAJ7620U2 Datasheet
1Mb / 28P
Integrated Gesture Recognition Sensor
logo
Turck, Inc.
BI1.5-EH6.5-0.2-Q20-2LU TURCK-BI1.5-EH6.5-0.2-Q20-2LU Datasheet
226Kb / 2P
Inductive sensor For material recognition
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
HALIOS Controller for Proximity and Gesture Recognition
logo
OSRAM GmbH
SFH4060 OSRAM-SFH4060 Datasheet
975Kb / 17P
Gesture Recognition
V205Q121A-940 OSRAM-V205Q121A-940 Datasheet
1Mb / 20P
Gesture Recognition
logo
MultiDimension Technolo...
TMR6209 MULTIDIMENSION-TMR6209 Datasheet
531Kb / 5P
9 ChannelsTMR Magnetic Pattern Recognition Sensor
REVISED 03/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com