Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S1205 Datasheet(PDF) 21 Page - Analog Devices

Part # AD2S1205
Description  12-Bit RDC with Reference Oscillator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 13Page - Analog Devices AD2S1205 Datasheet HTML 14Page - Analog Devices AD2S1205 Datasheet HTML 15Page - Analog Devices AD2S1205 Datasheet HTML 16Page - Analog Devices AD2S1205 Datasheet HTML 17Page - Analog Devices AD2S1205 Datasheet HTML 18Page - Analog Devices AD2S1205 Datasheet HTML 19Page - Analog Devices AD2S1205 Datasheet HTML 20Page - Analog Devices AD2S1205 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AD2S1205
Rev. A | Page 20 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BCB
VIEW A
TOP VIEW
(PINS DOWN)
11
1
44
34
33
23
22
12
1.60
MAX
0.75
0.60
0.45
0.45
0.37
0.30
PIN 1
0.20
0.09
1.45
1.40
1.35
0.10
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
3.5°
0.15
0.05
0.80
BSC
LEAD PITCH
12.20
12.00 SQ
11.80
10.20
10.00 SQ
9.80
Figure 17. 44-Lead Low Profile Quad Flat Package [LQFP]
(ST-44-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Angular Accuracy
Package Description
Package Option
AD2S1205YSTZ
−40°C to +125°C
±11 arc min
44-Lead Low Profile Quad Flat Package [LQFP]
ST-44-1
ADW71205YSTZ
−40°C to +125°C
±11 arc min
44-Lead Low Profile Quad Flat Package [LQFP]
ST-44-1
AD2S1205WSTZ
−40°C to +125°C
±22 arc min
44-Lead Low Profile Quad Flat Package [LQFP]
ST-44-1
ADW71205WSTZ
−40°C to +125°C
±22 arc min
44-Lead Low Profile Quad Flat Package [LQFP]
ST-44-1
ADW71205WSTZ-RL
−40°C to +125°C
±22 arc min
44-Lead Low Profile Quad Flat Package [LQFP]
ST-44-1
EVAL-AD2S1205CBZ3
Evaluation Board
EVAL-CONTROL BRD24
Controller Board
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 This can be used either as a standalone evaluation board or in conjunction with the evaluation board controller for evaluation/demonstration purposes.
4 Evaluation board controller. This board is a complete unit that allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB
designator. For a complete evaluation kit, order the ADC evaluation board (that is, the EVAL-AD2S1205CBZ), the EVAL-CONTROL BRD2, and a 12 V ac transformer.
AUTOMOTIVE PRODUCTS
The AD2S1205 models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers should
review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in automotive
applications. Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific
Automotive Reliability reports for these models.
©2007–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06339-0-5/10(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com