Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S1210BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD2S1210BSTZ
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD2S1210BSTZ Datasheet HTML 12Page - Analog Devices AD2S1210BSTZ Datasheet HTML 13Page - Analog Devices AD2S1210BSTZ Datasheet HTML 14Page - Analog Devices AD2S1210BSTZ Datasheet HTML 15Page - Analog Devices AD2S1210BSTZ Datasheet HTML 16Page - Analog Devices AD2S1210BSTZ Datasheet HTML 17Page - Analog Devices AD2S1210BSTZ Datasheet HTML 18Page - Analog Devices AD2S1210BSTZ Datasheet HTML 19Page - Analog Devices AD2S1210BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
AD2S1210
Rev. A | Page 15 of 36
RESOLVER FORMAT SIGNALS
Vr = Vp × sin(ωt)
Vb = Vs × sin(ωt) × sin(θ)
(A) CLASSICAL RESOLVER
S1
S3
Va = Vs × sin(ωt) × cos(θ)
S2
S4
R1
R2
θ
Vr = Vp × sin(ωt)
Vb = Vs × sin(ωt) × sin(θ)
(B) VARIABLE RELUCTANCE RESOLVER
S1
S3
Va = Vs × sin(ωt) × cos(θ)
S2
S4
R1
R2
θ
Figure 24. Classical Resolver vs. Variable Reluctance Resolver
A resolver is a rotating transformer, typically with a primary
winding on the rotor and two secondary windings on the stator.
In the case of a variable reluctance resolver, there are no wind-
ings on the rotor, as shown in Figure 24. The primary winding
is on the stator as well as the secondary windings, but the saliency
in the rotor design provides the sinusoidal variation in the
secondary coupling with the angular position. Either way, the
resolver output voltages (S3 − S1, S2 − S4) have the same
equations, as shown in Equation 1.
θ
ω
θ
ω
cos
sin
4
2
sin
sin
1
3
×
=
−
×
=
−
t
E
S
S
t
E
S
S
0
0
(1)
where:
θ is the shaft angle.
Sinωt is the rotor excitation frequency.
E0 is the rotor excitation amplitude.
The stator windings are displaced mechanically by 90° (see
Figure 24). The primary winding is excited with an ac reference.
The amplitude of subsequent coupling onto the stator secondary
windings is a function of the position of the rotor (shaft) relative to
the stator. The resolver, therefore, produces two output voltages
(S3 − S1, S2 − S4) modulated by the sine and cosine of shaft
angle. Resolver format signals refer to the signals derived from
the output of a resolver, as shown in Equation 1. Figure 25
illustrates the output format.
0°
S2 – S4
(cos)
S3 – S1
(sin)
R2 – R4
(REF)
90°
180°
θ
270°
360°
Figure 25. Electrical Resolver Representation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com