Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7608 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7608
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7608 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7608 Datasheet HTML 13Page - Analog Devices AD7608 Datasheet HTML 14Page - Analog Devices AD7608 Datasheet HTML 15Page - Analog Devices AD7608 Datasheet HTML 16Page - Analog Devices AD7608 Datasheet HTML 17Page - Analog Devices AD7608 Datasheet HTML 18Page - Analog Devices AD7608 Datasheet HTML 19Page - Analog Devices AD7608 Datasheet HTML 20Page - Analog Devices AD7608 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AD7608
Data Sheet
Rev. A | Page 16 of 32
80
85
90
95
100
105
10
100
1k
10k
100k
INPUT FREQUENCY (Hz)
AVCC, VDRIVE = 5V
fSAMPLE CHANGES WITH OS RATE
TA = 25°C
INTERNAL REFERENCE
±5V RANGE
OS × 64
OS × 32
OS × 16
OS × 8
OS × 4
OS × 2
NO OS
Figure 20. SNR vs. Input Frequency for Different Oversampling Rates, ±5 V Range
–40
–50
–60
–70
–80
–90
–100
–110
1k
100k
10k
–120
INPUT FREQUENCY (Hz)
±10V RANGE
AVCC, VDRIVE = 5V
fSAMPLE = 200kSPS
RSOURCE MATCHED ON Vx AND VxGND INPUTS
105kΩ
48.7kΩ
23.7kΩ
10kΩ
5kΩ
1.2kΩ
100Ω
51Ω
0Ω
Figure 21. THD vs. Input Frequency for Various Source Impedances, ±10 V Range
1k
100k
10k
INPUT FREQUENCY (Hz)
±5V RANGE
AVCC, VDRIVE = 5V
fSAMPLE = 200kSPS
RSOURCE MATCHED ON Vx AND VxGND INPUTS
105kΩ
48.7kΩ
23.7kΩ
10kΩ
5kΩ
1.2kΩ
100Ω
51Ω
0Ω
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 22. THD vs. Input Frequency for Various Source Impedances, ±5 V Range
4.0
–40
–25
–10
5
20
35
50
65
80
–4.0
–3.2
–2.4
–1.6
–0.8
0
0.8
1.6
2.4
3.2
TEMPERATURE (°C)
200kSPS
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
±5V RANGE
±10V RANGE
Figure 23. Bipolar Zero Code Error vs. Temperature
16
12
8
4
0
–4
–8
–12
–40
–25
–10
5
20
35
50
65
80
–16
TEMPERATURE (°C)
200kSPS
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
±5V RANGE
±10V RANGE
Figure 24. Bipolar Zero Code Error Matching Between Channels
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
160
140
120
100
80
60
40
20
–140
NOISE FREQUENCY (kHz)
±10V RANGE
±5V RANGE
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
AD7608 RECOMMENDED DECOUPLING USED
fSAMPLE = 150kSPS
TA = 25°C
INTERFERER ON ALL UNSELECTED CHANNELS
Figure 25. Channel-to-Channel Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com