Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD650AD Datasheet(PDF) 7 Page - Analog Devices

Part # AD650AD
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650AD Datasheet(HTML) 7 Page - Analog Devices

Back Button AD650AD Datasheet HTML 3Page - Analog Devices AD650AD Datasheet HTML 4Page - Analog Devices AD650AD Datasheet HTML 5Page - Analog Devices AD650AD Datasheet HTML 6Page - Analog Devices AD650AD Datasheet HTML 7Page - Analog Devices AD650AD Datasheet HTML 8Page - Analog Devices AD650AD Datasheet HTML 9Page - Analog Devices AD650AD Datasheet HTML 10Page - Analog Devices AD650AD Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD650
Data Sheet
Rev. E | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUT 1
+IN
2
–IN
3
BIBOLAR OFFSET
CURRENT
4
OFFSET NULL
14
OFFSET NULL
13
+VS
12
ANALOG GND
11
–VS 5
DIGITAL GND
10
ONE SHOT
CAPACITOR
6
COMPARATOR
INPUT
9
NC
7
FOUTPUT
8
NC = NO CONNECT
AD650
TOP VIEW
(Not to Scale)
Figure 2. D-14, N-14 Pin Configurations
1
20
19
2
3
4
5
6
7
8
18
17
16
15
14
9
10
11
12
13
NC = NO CONNECT
–IN
NC
BIPOLAR OFFSET
CURRENT
NC
–VS
+VS
NC
ANALOG GND
NC
DIGITAL GND
PIN 1
INDENTFIER
AD650
TOP VIEW
(Not to scale)
Figure 3. P-20 Pin Configuration
Table 2. Pin Function Descriptions
Pin No.
D-14, N-14
P-20
Mnemonic
Description
1
2
VOUT
Output of Operational Amplifier. The operational amplifier, along with CINT,
is used in the integrate stage of the V to F conversion.
2
3
+IN
Positive Analog Input.
3
4
–IN
Negative Analog Input.
4
6
BIPOLAR OFFSET
CURRENT
On-Chip Current Source. This can be used in conjunction with an external
resistor to remove the operational amplifier’s offset.
5
8
–VS
Negative Power Supply Input.
6
9
ONE-SHOT
CAPACITOR
The Capacitor, COS, is Connected to This Pin. COS determines the time period
for the one shot.
7
1, 5, 7, 10, 11, 15, 17
NC
No Connect.
8
12
FOUTPUT
Frequency Output from AD650.
9
13
COMPARATOR INPUT
Input to Comparator. When the input voltage reaches −0.6 V, the one shot is
triggered.
10
14
DIGITAL GND
Digital Ground.
11
16
ANALOG GND
Analog Ground.
12
18
+VS
Positive Power Supply Input.
13, 14
19, 20
OFFSET NULL
Offset Null Pins. Using an external potentiometer, the offset of the
operational amplifier can be removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com