Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9856AST Datasheet(PDF) 26 Page - Analog Devices

Part # AD9856AST
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856AST Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9856AST Datasheet HTML 22Page - Analog Devices AD9856AST Datasheet HTML 23Page - Analog Devices AD9856AST Datasheet HTML 24Page - Analog Devices AD9856AST Datasheet HTML 25Page - Analog Devices AD9856AST Datasheet HTML 26Page - Analog Devices AD9856AST Datasheet HTML 27Page - Analog Devices AD9856AST Datasheet HTML 28Page - Analog Devices AD9856AST Datasheet HTML 29Page - Analog Devices AD9856AST Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
AD9856
Rev. C | Page 25 of 36
Figure 43 shows the effectiveness of the ISF in correcting for
the SINC distortion. The plot includes a graph of the SINC
envelope, the ISF response and the SYSTEM response (which is
the product of the SINC and ISF responses). Note that the ISF
exhibits an insertion loss of 3.1 dB. Thus, signal levels at the
output of the AD9856 with the ISF bypassed are 3.1 dB higher
than with the ISF engaged. For modulated output signals,
however, which have a relatively wide bandwidth, the benefits
of the SINC compensation usually outweigh the 3 dB loss in
output level. The decision of whether to use the ISF is an
application specific system design issue.
–4
–3
–2
–1
0
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
FREQUENCY NORMALIZED TO SAMPLE RATE
ISF
SINC
SYSTEM
Figure 43. Inverse SINC Filter Response
DIRECT DIGITAL SYNTHESIZER FUNCTION
The direct digital synthesizer (DDS) block generates the sine/
cosine carrier reference signals that are digitally modulated by
the I/Q data paths. The DDS function is frequency tuned via
the serial control port with a 32-bit tuning word. This allows the
AD9856’s output carrier frequency to be very precisely tuned
while still providing output frequency agility.
The equation relating output frequency of the AD9856 digital
modulator to the frequency tuning word (FTWORD) and the
system clock (SYSCLK) is given as:
() 32
2
/
SYSCLK
FTWORD
A
OUT
×
=
where AOUT and SYSCLK frequencies are in Hz and FTWORD is
a decimal number from 0 to 4,294,967,296 (231).
For example, find the FTWORD for AOUT = 41 MHz and
SYSCLK = 122.88 MHz.
If AOUT = 41 MHz and SYSCLK = 122.88 MHz, then:
hex
AAAAB
FTWORD 556
=
Loading 556AAAABh into control bus registers 02h–05h
(for Profile 1) programs the AD9856 for AOUT = 41 MHz,
given a SYSCLK frequency of 122.88 MHz.
A Technical Tutorial on Digital Signal Synthesis is available on
the Analog Devices website at:
http://www.analog.com/UploadedFiles/Tutorials/450968421DD
S_Tutorial_rev12-2-99.pdf
The tutorial provides basic applications information for a
variety of digital synthesis implementations, as well as a detailed
explanation of aliases.
D/A CONVERTER
A 12-bit digital-to-analog converter (DAC) is used to convert
the digitally processed waveform into an analog signal. The
worst-case spurious signals due to the DAC are the harmonics
of the fundamental signal and their aliases (see the AD9851
Complete-DDS data sheet for a details about aliased images).
The wideband 12-bit DAC in the AD9856 maintains spurious-
free dynamic range (SFDR) performance of −60 dBc up to
AOUT = 42 MHz and −55 dBc up to AOUT = 65 MHz.
The conversion process produces aliased components of the
fundamental signal at n × SYSCLK ± FCARRIER (n = 1, 2, 3). These
are typically filtered with an external RLC filter at the DAC
output. It is important for this analog filter to have a sufficiently
flat gain and linear phase response across the bandwidth of
interest to avoid modulation impairments. An inexpensive
seventh-order elliptical low-pass filter is sufficient to suppress
the aliased components for HFC network applications.
The AD9856 provides true and complement current outputs on
pins 30 and 29, respectively. The full-scale output current is set
by the RSET resistor at Pin 25. The value of RSET for a particular
IOUT is determined by
OUT
SET
I
R
39.936/
=
For example, if a full-scale output current of 20 mA is desired,
then RSET = (39.936/0.02), or approximately 2 kΩ. Every
doubling of the RSET value halves the output current. Maximum
output current is specified as 20 mA.
The full-scale output current range of the AD9856 is 5 mA to
20 mA. Full-scale output currents outside of this range degrade
SFDR performance. SFDR is also slightly affected by output
matching, that is, the two outputs should be terminated equally
for best SFDR performance.
The output load should be located as close as possible to the
AD9856 package to minimize stray capacitance and inductance.
The load may be a simple resistor to ground, an op amp
current-to-voltage converter, or a transformer-coupled circuit.
It is best not to attempt to directly drive highly reactive loads
(such as an LC filter). Driving an LC filter without a
transformer requires that the filter be doubly terminated for
best performance, that is, the filter input and output should
both be resistively terminated with the appropriate values. The
parallel combination of the two terminations determines the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com