Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD652SQ Datasheet(PDF) 9 Page - Analog Devices

Part # AD652SQ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652SQ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD652SQ Datasheet HTML 5Page - Analog Devices AD652SQ Datasheet HTML 6Page - Analog Devices AD652SQ Datasheet HTML 7Page - Analog Devices AD652SQ Datasheet HTML 8Page - Analog Devices AD652SQ Datasheet HTML 9Page - Analog Devices AD652SQ Datasheet HTML 10Page - Analog Devices AD652SQ Datasheet HTML 11Page - Analog Devices AD652SQ Datasheet HTML 12Page - Analog Devices AD652SQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD652
Rev. C | Page 8 of 28
Another way to view this is that the output is a frequency of
approximately one-quarter of the clock that has been phase
modulated. A constant frequency can be thought of as
accumulating phase linearly with time at a rate equal to 2πf
radians per second. Therefore, the average output frequency,
which is slightly in excess of a quarter of the clock, requires
phase accumulation at a certain rate. However, since the SVFC
is running at exactly one-quarter of the clock, it does not
accumulate enough phase (see Figure 7). When the difference
between the required phase (average frequency) and the actual
phase equals 2π, a step-in phase is taken where the deficit is
made up instantaneously. The output frequency is then a steady
carrier that has been phase modulated by a sawtooth signal (see
Figure 7). The period of the sawtooth phase modulation is the
time required to accumulate a 2π difference in phase between
the required average frequency and one quarter of the clock
frequency. The sawtooth phase modulation amplitude is 2π.
TIME
TIME
φMOD (t)
ACTUAL PHASE
EXPECTED
PHASE
PHASE
2
π
2
π
2
π
PHASE
MODULATION
AVERAGE
CARRIER FREQUENCY
VOUT (t) = COS (2π× fAVE × t + φMOD (t))
Figure 7. Phase Modulation
The result of this synchronism is that the rate at which data may
be extracted from the series bit stream produced by the SVFC is
limited. The output pulses are typically counted during a fixed
gate interval and the result is interpreted as an average
frequency. The resolution of such a measurement is determined
by the clock frequency and the gate time. For example, if the
clock frequency is 4 MHz and the gate time is 4.096 ms, a
maximum count of 8,192 is produced by a full-scale frequency
of 2 MHz. Thus, the resolution is 13 bits.
OVERRANGE
Since each reset pulse is only one clock period in length, the
full-scale output frequency is equal to one-half the clock
frequency. At full scale, the current steering switch spends half
of the time on the summing junction; thus, an input current of
0.5 mA can be balanced. In the case of an overrange, the output
of the integrator op amp drifts in the negative direction and the
output of the comparator remains high. The logic circuits
simply settle into a divide-by-two of the clock state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com