Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9857ASTZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9857ASTZ
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857ASTZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9857ASTZ Datasheet HTML 19Page - Analog Devices AD9857ASTZ Datasheet HTML 20Page - Analog Devices AD9857ASTZ Datasheet HTML 21Page - Analog Devices AD9857ASTZ Datasheet HTML 22Page - Analog Devices AD9857ASTZ Datasheet HTML 23Page - Analog Devices AD9857ASTZ Datasheet HTML 24Page - Analog Devices AD9857ASTZ Datasheet HTML 25Page - Analog Devices AD9857ASTZ Datasheet HTML 26Page - Analog Devices AD9857ASTZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
AD9857
Rev. C | Page 22 of 40
)
The equation relating output frequency (fOUT) of the AD9857
digital modulator to the frequency tuning word (FTWORD)
and the system clock (SYSCLK) is
(
32
2
/
SYSCLK
FTWORD
f
OUT
×
=
(2)
where fOUT and SYSCLK frequencies are in Hz and FTWORD is
a decimal number from 0 to 2,147,483,647 (231−1).
For example, find the FTWORD for fOUT = 41 MHz and
SYSCLK = 122.88 MHz
If fOUT = 41 MHz and SYSCLK = 122.88 MHz, then
hex
FTWORD
AAAAB
556
=
(3)
Loading 556AAAABh into Control Bus Registers 08h–0Bh
(for Profile 1) programs the AD9857 for fOUT = 41 MHz, given a
SYSCLK frequency of 122.88 MHz.
INVERSE SINC FILTER
The sampled carrier data stream is the input to the digital-to-
analog converter (DAC) integrated onto the AD9857. The
DAC output spectrum is shaped by the characteristic sin(x)/x
(or SINC) envelope, due to the intrinsic zero-order hold effect
associated with DAC-generated signals. Because the shape of
the SINC envelope is well known, it can be compensated for.
This envelope restoration function is provided by the optional
inverse SINC filter preceding the DAC. This function is
implemented as an FIR filter, which has a transfer function that
is the exact inverse of the SINC response. When the inverse
SINC filter is selected, it modifies the incoming data stream so
that the desired carrier envelope, which would otherwise be
shaped by the SINC envelope, is restored. However, this
correction is only complete for carrier frequencies up to
approximately 45% of SYSCLK.
Note also that the inverse SINC filter introduces about a 3.5 dB
loss at low frequencies as compared to the gain with the inverse
SINC filter turned off. This is done to flatten the overall gain
from dc to 45% of SYSCLK.
The inverse SINC filter can be bypassed if it is not needed. If the
inverse SINC filter is bypassed, its clock is stopped, thus
reducing the power dissipation of the part.
OUTPUT SCALE MULTIPLIER
An 8-bit multiplier (output scale value in the block diagram)
preceding the DAC provides the user with a means of adjusting
the final output level. The multiplier value is programmed via
the appropriate control registers, per each profile. The LSB
weight is 2–7, which yields a multiplier range of 0 to 1.9921875,
or nearly 2×. Because the quadrature modulator has an intrinsic
loss of 3 dB (1/√2), programming the multiplier for a value of
√2) restores the data to the full-scale range of the DAC when
the device is operating in the quadrature modulation mode.
Because the AD9857 defaults to the Modulation mode, the
default value for the multiplier is B5h (which corresponds
to √2).
Programming the output scale multiplier to unity gain (80h)
bypasses the stage, reducing power dissipation.
14-BIT D/A CONVERTER
A 14-bit digital-to-analog converter (DAC) is used to convert
the digitally processed waveform into an analog signal. The
worst-case spurious signals due to the DAC are the harmonics
of the fundamental signal and their aliases (please see the
Analog Devices DDS Technical Tutorial, accessible from the
DDS Technical Library at www.analog.com/dds for a detailed
explanation of aliases). The wideband 14-bit DAC in the
AD9857 maintains spurious-free dynamic range (SFDR)
performance of −60 dBc up to AOUT = 42 MHz and −55 dBc up
to AOUT = 65 MHz.
The conversion process produces aliased components of the
fundamental signal at n × SYSCLK ± FCARRIER (n = 1, 2, 3).
These are typically filtered with an external RLC filter at the
DAC output. It is important for this analog filter to have a
sufficiently flat gain and linear phase response across the
bandwidth of interest to avoid modulation impairments.
The AD9857 provides true and complemented current outputs
on AOUT and AOUT, respectively. The full-scale output current is
set by the RSET resistor at DAC_RSET. The value of RSET for a
particular IOUT is determined using the following equation:
IOUT
RSET
/
93
.
39
=
(4)
For example, if a full-scale output current of 20 mA is desired,
then RSET = (39.93/0.02), or approximately 2 kΩ. Every
doubling of the RSET value halves the output current.
The full-scale output current range of the AD9857 is 5 mA−20
mA. Full-scale output currents outside of this range degrade
SFDR performance. SFDR is also slightly affected by output
matching; the two outputs should be terminated equally for best
SFDR performance.
The output load should be located as close as possible to the
AD9857 package to minimize stray capacitance and inductance.
The load may be a simple resistor to ground, an op amp
current-to- voltage converter, or a transformer-coupled circuit.
Driving an LC filter without a transformer requires that the
filter be doubly terminated for best performance. Therefore, the
filter input and output should both be resistively terminated
with the appropriate values. The parallel combination of the
two terminations determines the load that the AD9857 sees
for signals within the filter pass band. For example, a
50 Ω terminated input/ output low-pass filter looks like a
25 Ω load to the AD9857.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com