| Electronic Components Datasheet Search |
|
AD9857/PCB Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9857/PCB Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 41 page ![]() AD9857 Rev. C | Page 16 of 40 SINGLE-TONE MODE A block diagram of the AD9857 operating in the single-tone mode is shown in Figure 19. In the single-tone mode, both the I and Q data paths are disabled from the 14-bit parallel data port up to and including the modulator. The PDCLK/ FUD pin is an input and functions as a frequency update (FUD) control signal. This is necessary because the frequency tuning word is programmed via the asynchronous serial port. The FUD signal causes the new frequency tuning word to become active. In single-tone mode, the cosine portion of the DDS serves as the signal source. The output signal consists of a single frequency as determined by the tuning word stored in the appropriate control register, per each profile. In the single-tone mode, no 14-bit parallel data is applied to the AD9857. The internal DDS core is used to produce a single frequency signal according to the tuning word. The single-tone signal then moves toward the output, where the inverse SINC filter and the output scaling can be applied. Finally, the digital single-tone signal is converted to the analog domain by the 14-bit DAC. 14 14-BIT DAC DAC_RSET IOUT IOUT 8 OUTPUT SCALE VALUE REFCLK REFCLK MODE CONTROL PLL LOCK CLOCK INPUT MODE AD9857 PDCLK/ FUD INVERSE SINC FILTER 32 TUNING WORD TIMING AND CONTROL DDS CORE CLOCK MULTIPLIER (4 – 20 ) PROFILE SELECT LOGIC CONTROL REGISTERS RESET SERIAL PORT PS0 PS1 POWER- DOWN LOGIC DIGITAL POWER- DOWN Figure 19. Single-Tone Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |