Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0757830009 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0757830009
Description  iPass I/O Surface Mount Receptacle, 0.80mm Pitch, Right Angle, Internal Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0757830009 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0757830009 Datasheet HTML 1Page - Molex Electronics Ltd. 0757830009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
None
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
020
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Electrical Model Document
EE-75586-001
Packaging Specification
PK-75783-002
Product Specification
PS-75783-001-001
S-Parameter Model
SP-75586-001
Sales Drawing
SD-75783-001
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com