Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274ACD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274ACD
Description  Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274ACD Datasheet(HTML) 2 Page - Texas Instruments

  TLC2274ACD Datasheet HTML 1Page - Texas Instruments TLC2274ACD Datasheet HTML 2Page - Texas Instruments TLC2274ACD Datasheet HTML 3Page - Texas Instruments TLC2274ACD Datasheet HTML 4Page - Texas Instruments TLC2274ACD Datasheet HTML 5Page - Texas Instruments TLC2274ACD Datasheet HTML 6Page - Texas Instruments TLC2274ACD Datasheet HTML 7Page - Texas Instruments TLC2274ACD Datasheet HTML 8Page - Texas Instruments TLC2274ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TLC227x, TLC227xA
Advanced LinCMOS
™ RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
SLOS190B – FEBRUARY 1997 – REVISED JULY 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2272 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax At
25
°C
SMALL
OUTLINE†
(D)
PLASTIC DIP
(P)
TSSOP‡
(PW)
0
°Cto70°C
950
µV
TLC2272ACD
TLC2272ACP
TLC2272CPW
0
°C to 70°C
µ
2.5 mV
TLC2272CD
TLC2272CP
TLC2272CPW
40
°Cto85°C
950
µV
TLC2272AID
TLC2272AIP
– 40
°C to 85°C
µ
2.5 mV
TLC2272ID
TLC2272IP
—
40
°Cto125°C
950
µV
TLC2272AQD
TLC2272AQPW
– 40
°C to 125°C
µ
2.5 mV
TLC2272QD
—
TLC2272QPW
55
°Cto125°C
950
µV
TLC2272AMD
TLC2272AMP
– 55
°C to 125°C
µ
2.5 mV
TLC2272MD
TLC2272MP
—
† The D packages are available taped and reeled. Add R suffix to the device type (e.g., TLC2272CDR).
‡ The PW package is available taped and reeled. Add R suffix to the device type (e.g., TLC2272PWR).
§ Chips are tested at 25
°C.
TLC2274 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax AT
25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP‡
(PW)
0
°C to
950
µV
TLC2274ACD
TLC2274ACN
—
70
°C
µ
2.5 mV
TLC2274CD
—
—
TLC2274CN
TLC2274CPW
–40
°C to
950
µV
TLC2274AID
TLC2274AIN
—
85
°C
µ
2.5 mV
TLC2274ID
—
—
TLC2274IN
TLC2274IPW
–40
°C to
950
µV
TLC2274AQD
125
°C
µ
2.5 mV
TLC2274QD
—
—
—
—
–55
°C to
950
µV
TLC2274AMD
TLC2274AMFK
TLC2274AMJ
TLC2274AMN
125
°C
µ
2.5 mV
TLC2274MD
TLC2274MFK
TLC2274MJ
TLC2274MN
—
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2274CDR).
‡ The PW package is available taped and reeled.
§ Chips are tested at 25
°C.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VDD–/GND
VDD+
2OUT
2IN –
2IN +
TLC2272
D, P, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN +
VDD+
2IN +
2IN –
2OUT
4OUT
4IN –
4IN +
VDD–
3IN +
3IN –
3OUT
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN +
NC
VDD–
NC
3IN +
1IN +
NC
VDD+
NC
2IN +
NC – No internal connection
TLC2274
D, J, N, OR PW PACKAGE
(TOP VIEW)
TLC2274
FK PACKAGE
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com