Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP174GA Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP174GA
Description  TOSHIBA Photocoupler Photorelay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP174GA Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP174GA Datasheet HTML 1Page - Toshiba Semiconductor TLP174GA Datasheet HTML 2Page - Toshiba Semiconductor TLP174GA Datasheet HTML 3Page - Toshiba Semiconductor TLP174GA Datasheet HTML 4Page - Toshiba Semiconductor TLP174GA Datasheet HTML 5Page - Toshiba Semiconductor TLP174GA Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP174GA
2002-04-23
4
Ambient temperature Ta (°C)
IF – Ta
Ambient temperature Ta (°C)
ION – Ta
Forward voltage VF (V)
IF – VF
ION – VON
Ambient temperature Ta (°C)
RON – Ta
Ambient temperature Ta (°C)
IFT – Ta
On-state voltage VON (V)
0
-20
60
20
40
80
100
120
100
80
60
40
20
0
Ta
= 25°C
0.6
0.8
1
1.2
1.6
1.8
1.4
100
30
10
3
1
0.3
0.1
0
-20
120
100
80
60
40
20
0
240
200
160
120
80
40
ION = 120 mA
IF = 5 mA
t
< 1 s
30
0
-20
0
20
40
80
100
60
10
20
40
50
Ta
= 25°C
IF = 5 mA
-3
-2
0
3
2
-200
-100
0
100
200
-1
1
ION = 120 mA
t
< 1 s
3
0
-20
0
20
40
80
100
60
1
2
4
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com