Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6000 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320C6000
Description  Code Composer Studio Tutorial
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6000 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320C6000 Datasheet HTML 29Page - Texas Instruments TMS320C6000 Datasheet HTML 30Page - Texas Instruments TMS320C6000 Datasheet HTML 31Page - Texas Instruments TMS320C6000 Datasheet HTML 32Page - Texas Instruments TMS320C6000 Datasheet HTML 33Page - Texas Instruments TMS320C6000 Datasheet HTML 34Page - Texas Instruments TMS320C6000 Datasheet HTML 35Page - Texas Instruments TMS320C6000 Datasheet HTML 36Page - Texas Instruments TMS320C6000 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 126 page
background image
Building and Running the Program
Developing a Simple Program
2-5
#ifdef FILEIO
/* clear char arrays */
for (i = 0; i < BUFSIZE; i++) {
scanStr[i] = 0
/* deliberate syntax error */
fileStr[i] = 0;
}
/* read a string from stdin */
scanf("%s", scanStr);
/* open a file on the host and write char array */
fptr = fopen("file.txt", "w");
fprintf(fptr, "%s", scanStr);
fclose(fptr);
/* open a file on the host and read char array */
fptr = fopen("file.txt", "r");
fseek(fptr, 0L, SEEK_SET);
readSize = fread(fileStr, sizeof(char), BUFSIZE, fptr);
printf("Read a %d byte char array: %s \n", readSize, fileStr);
fclose(fptr);
#endif
}
When FILEIO is undefined, this is a simple program that uses the standard
puts() function to display a hello world message. When you define FILEIO (as
you do in section 2.5, page 2-7), this program prompts for a string and prints
it to a file. It then reads the string from the file and prints it and a message
about its length to standard output.
2.4
Building and Running the Program
Code Composer Studio automatically saves changes to the project setup as
you make them. In case you exited from Code Composer Studio after the
previous section, you can return to the point where you stopped working by
restarting Code Composer Studio and using Project
→Open.
Note: Resetting the Target DSP
If Code Composer Studio displays an error message that says it cannot
initialize the target DSP, choose the Debug
→Reset DSP menu item. If this
does not correct the problem, you may need to run a reset utility provided
with your target board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com