Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPPM0111 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0111
Description  DUAL LOW-DROPOUT LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0111 Datasheet(HTML) 3 Page - Texas Instruments

  TPPM0111 Datasheet HTML 1Page - Texas Instruments TPPM0111 Datasheet HTML 2Page - Texas Instruments TPPM0111 Datasheet HTML 3Page - Texas Instruments TPPM0111 Datasheet HTML 4Page - Texas Instruments TPPM0111 Datasheet HTML 5Page - Texas Instruments TPPM0111 Datasheet HTML 6Page - Texas Instruments TPPM0111 Datasheet HTML 7Page - Texas Instruments TPPM0111 Datasheet HTML 8Page - Texas Instruments TPPM0111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPPM0111
DUAL LOW-DROPOUT LINEAR REGULATOR
SLVS414 – DECEMBER 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
NC
1–3,
5, 7,
9–12
13–17†
18,9
I
No connection
3.3VOUT
4
O
3.3-V regulated output
5VCC
6
I
5-V input
1.5VOUT
8
O
1.5-V regulated output
GND
20
I
Ground
† These terminals are to be used for test purposes only, and are not connected in system applications. No signal traces should be connected to
these terminals.
Table 1. Input Selection‡
INPUT CONDITION
3.3VOUT CONDITION
1.5VOUT CONDITION
V(3.3VOUT)
I(3.3VOUT)
V(1.5VOUT)
I(1.5VOUT)
Power up 0 V to 5 V
Within 2 V of 1.5VOUT
0 to overcurrent limit
0 V to 1.5 V
0 to overcurrent limit
5 V
3.3 V
±3%
0 A to 1.5 A
1.5 V
±2%
0 mA to 300 mA
Power down 5 V to 0 V
Within 2 V of 1.5VOUT
1.5 A to 0 A
1.5 V to 0 V
300 mA to 0 mA
5 V
0 V
Up to 5.4 A
1.5 V
0 mA to 300 mA
5 V
Less than 2 V
Don’t care
0 V
Up to 1.08 A
0 V
Within 2 V of 1.5VOUT
Don’t care
1.5 V to 0 V
Don’t care
‡ See Figures 2, 3, and 4.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)§
5-V input, V(5VCC) (see Notes 1 and 2)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3-V output current limit, IL(3.3VOUT)
5.4 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.5-V output current limit, IL(1.5VOUT)
1.08 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation, PD (see Note 3)
4 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge susceptibility, V(HBMESD)
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 sec), T(LEAD)
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
§ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. Absolute negative voltage values on these terminals should not be below –0.5 V.
3. Assumed correct thermal management technique implementation and ambient temperature of 25
°C.
recommended operating conditions
MIN
TYP
MAX
UNIT
5-V input, V(5VCC)
4.7
5.3
V
Load capacitance, CL
10 m
Ω < ESR(CL) < 1 Ω
100
µF
Output load current I
3.3VOUT
0
1.5
A
Output load current, IO
1.5VOUT
0
300
mA
Ambient temperature, TA
0
55
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com