Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRTBGFUG Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LRTBGFUG
Description  Enhanced optical Power LED
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBGFUG Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LRTBGFUG Datasheet HTML 6Page - OSRAM GmbH LRTBGFUG Datasheet HTML 7Page - OSRAM GmbH LRTBGFUG Datasheet HTML 8Page - OSRAM GmbH LRTBGFUG Datasheet HTML 9Page - OSRAM GmbH LRTBGFUG Datasheet HTML 10Page - OSRAM GmbH LRTBGFUG Datasheet HTML 11Page - OSRAM GmbH LRTBGFUG Datasheet HTML 12Page - OSRAM GmbH LRTBGFUG Datasheet HTML 13Page - OSRAM GmbH LRTBGFUG Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
2017-11-14
10
LRTB GFUG
Abstrahlcharakteristik
6) Seite 27
Radiation Characteristic
6) page 27
I
rel = f (); TS = 25 °C, IF = 20 mA, red, true green, blue;
Abstrahlcharakteristik
6) Seite 27
Radiation Characteristic
6) page 27
I
rel = f (); TS = 25 °C, IF = 20 mA, red, true green, blue;
-90˚
0
0.2
0.4
0.6
0.8
1.0
OHL03881
Viewing Angle
-60˚
-30˚
30˚
60˚
90˚
green
blue
red
red
blue
green
0.2
0
-90˚
0.6
0.4
0.8
Viewing Angle
-60˚
-30˚
30˚
60˚
90˚
1.0
OHL03882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com