Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSDF04040XR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSDF04040XR
Description  Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF04040XR Datasheet(HTML) 1 Page - Vishay Siliconix

  TSDF04040XR Datasheet HTML 1Page - Vishay Siliconix TSDF04040XR Datasheet HTML 2Page - Vishay Siliconix TSDF04040XR Datasheet HTML 3Page - Vishay Siliconix TSDF04040XR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSDF04040X/TSDF04040XR
Vishay Semiconductors
1 (4)
www.vishay.com
Document Number 85090
Rev. 1, 12–Nov–01
Dual - MOSMIC
®– two AGC Amplifiers for TV–Tuner
Prestage with 5 V Supply Voltage
MOSMIC - MOS Monolithic Integrated Circuit
Electrostatic sensitive device.
Observe precautions for handling.
Applications
Low noise gain controlled input stages in
UHF-and VHF- tuner with 5 V supply voltage.
Typical Application
AMP1
AMP2
G1
1
G1
6
AGC
RF in
RF in
C
C
D 3
G2 (common)
2 (TSDF04040X)
5 (TSDF04040XR)
S (common)
C
RFC
RF out
+5 V
D 4
C
RFC
RF out
16607
+5 V
C
5 (TSDF04040X)
2 (TSDF04040XR)
RG1
RG1
+5 V
+5 V
Features
D Two AGC amplifiers in a single package
D Easy Gate 1 switch-off with PNP switching
transistors inside PLL
D Integrated gate protection diodes
D Low noise figure
D High gain, very high forward transadmittance
(40 mS typ.)
D Biasing network on chip
D Improved cross modulation at gain reduction
D High AGC-range with less steep slope
D SMD package, reverse pinning possible
TY
CW
WC7
12
3
65
4
16608
TSDF04040X Marking: WC7
Plastic case (SOT 363)
1 = Gate 1 (amplifier 1), 2 = Gate 2,
3 = Drain (amplifier 1), 4 = Drain (amplifier 2),
5 = Source, 6 = Gate1 (amplifier 2)
TY
CW
W7C
12
3
65
4
16609
TSDF04040XR Marking: W7C
Plastic case (SOT 363)
1 = Gate 1 (amplifier 1), 2 = Source,
3 = Drain (amplifier 1), 4 = Drain (amplifier 2),
5 = Gate 2, 6 = Gate1 (amplifier 2)
T = Telefunken
Y = Year, is variable for digit from 0 to 9 (e.g. 0 = 2000, 1 = 2001)
CW = Calendar Week, is variable for number from 01 to 52
Number of Calendar Week is always indicating place of pin 1


Similar Part No. - TSDF04040XR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF02424X VISHAY-TSDF02424X Datasheet
172Kb / 5P
Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
05-Sep-08
TSDF02424X VISHAY-TSDF02424X Datasheet
47Kb / 4P
Dual - MOSMIC®– two AGC Amplifiers for TV–Tuner Prestage with 5 V Supply Voltage
12-Nov-01
TSDF02424XR VISHAY-TSDF02424XR Datasheet
172Kb / 5P
Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
05-Sep-08
TSDF02424XR VISHAY-TSDF02424XR Datasheet
47Kb / 4P
Dual - MOSMIC®– two AGC Amplifiers for TV–Tuner Prestage with 5 V Supply Voltage
12-Nov-01
TSDF02424X VISHAY-TSDF02424X_08 Datasheet
172Kb / 5P
Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
05-Sep-08
More results

Similar Description - TSDF04040XR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S504T VISHAY-S504T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
TSDF52424 VISHAY-TSDF52424 Datasheet
62Kb / 5P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
05-Mar-99
TSDF53030 VISHAY-TSDF53030 Datasheet
62Kb / 5P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
05-May-99
TSDF54040 VISHAY-TSDF54040 Datasheet
62Kb / 5P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
16-Mar-99
TSDF02830YR VISHAY-TSDF02830YR Datasheet
133Kb / 6P
Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
25-Oct-02
TSDF03030XR VISHAY-TSDF03030XR Datasheet
60Kb / 4P
Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
12-Nov-01
TSDF54040X VISHAY-TSDF54040X Datasheet
51Kb / 4P
Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
12-Nov-01
TSDF02424X VISHAY-TSDF02424X_08 Datasheet
172Kb / 5P
Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
05-Sep-08
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
08-Sep-08
TSDF02424X VISHAY-TSDF02424X Datasheet
47Kb / 4P
Dual - MOSMIC®– two AGC Amplifiers for TV–Tuner Prestage with 5 V Supply Voltage
12-Nov-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com