Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9486 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9486
Description  Precision SMA Female to N Female Bulkhead Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9486 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9486 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9486 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9486 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector 1
• N Female Connector 2
• 50 Ohms
• Precision Design
• Straight Body Geometry
• Bulkhead Mount Method
Features
• Max VSWR of 1.15:1 up to 18 GHz
• SMA Interface compliant with MIL-STD-348
• N Interface compliant with MIL-STD-348
• Gold Plated Beryllium Copper Contact
Applications
• Allows Connection Between Series
• General Purpose Test
• Rack Mounted Equipment
• Precision Test & Measurement
.
Description
Pasternack’s PE9486 precision SMA female to type N female bulkhead adapter is part of our full line of RF components
available for same-day shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K)
connectors. Our SMA to type N adapter has a female to female gender configuration in a precision design. PE9486 SMA female
to type N female adapter operates to 18 GHz. The Pasternack RF adapter provides excellent VSWR of 1.15:1 maximum. This
RF SMA to type N bulkhead adapter allows designers to create external connections on their product enclosures, and can be
used in a variety of other rack mount and panel mount applications.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.15:1
. .
Mechanical Specifications
Size
Length
1.5 in [38.1 mm]
Width
1.071 in [27.2 mm]
Weight
0.088 lbs [39.92 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Female to N Female Bulkhead Adapter PE9486
PE9486 REV 1.2
Precision SMA Female to N Female Bulkhead Adapter
PE9486
RF Adapters Technical Data Sheet


Similar Part No. - PE9486

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9480 PASTERNACK-PE9480 Datasheet
246Kb / 2P
MMCX Plug to MMCX Jack Adapter
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
N Tee Adapter Male-Female-Female
PE9482 PASTERNACK-PE9482 Datasheet
261Kb / 3P
N Female to TNC Female Bulkhead Adapter
PE9483 PASTERNACK-PE9483 Datasheet
262Kb / 3P
Hermetically Sealed TNC Female to BNC Female Bulkhead Adapter
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
More results

Similar Description - PE9486

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
SMA Female to N Female Bulkhead Adapter
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
Bulkhead SMA Female to N Female Adapter
PE9432 PASTERNACK-PE9432 Datasheet
243Kb / 2P
Precision SMA Female to N Female Adapter
PE9435 PASTERNACK-PE9435 Datasheet
250Kb / 2P
Precision Bulkhead SMA Female to N Female Adapter
PE9487 PASTERNACK-PE9487 Datasheet
259Kb / 2P
Precision SMA Male to N Female Bulkhead Adapter
PE9488 PASTERNACK-PE9488 Datasheet
83Kb / 1P
N FEMALE TO SMA MALE BULKHEAD PRECISION ADAPTER
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9487 PASTERNACK-PE9487 Datasheet
259Kb / 2P
Precision SMA Male to N Female Bulkhead Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com