Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2033TS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UBA2033TS
Description  HF full bridge driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2033TS Datasheet(HTML) 4 Page - NXP Semiconductors

  UBA2033TS Datasheet HTML 1Page - NXP Semiconductors UBA2033TS Datasheet HTML 2Page - NXP Semiconductors UBA2033TS Datasheet HTML 3Page - NXP Semiconductors UBA2033TS Datasheet HTML 4Page - NXP Semiconductors UBA2033TS Datasheet HTML 5Page - NXP Semiconductors UBA2033TS Datasheet HTML 6Page - NXP Semiconductors UBA2033TS Datasheet HTML 7Page - NXP Semiconductors UBA2033TS Datasheet HTML 8Page - NXP Semiconductors UBA2033TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2002 Oct 08
4
Philips Semiconductors
Product specification
HF full bridge driver IC
UBA2033
PINNING
SYMBOL
PIN
DESCRIPTION
−LVS
1
negative supply voltage (for logic
input)
EXTDR
2
oscillator signal input
+LVS
3
positive supply voltage (for logic
input)
n.c.
4
not connected
n.c.
5
not connected
HV
6
high voltage supply input
n.c.
7
not connected
n.c.
8
not connected
VDD
9
internal low voltage supply
SU
10
input signal for start-up delay
DD
11
divider disable input
BD
12
bridge disable control input
RC
13
RC input for internal oscillator
SGND
14
signal ground
GHL
15
gate of higher left output MOSFET
FSL
16
floating supply voltage left
SHL
17
source of higher left MOSFET
n.c.
18
not connected
n.c.
19
not connected
GLL
20
gate of lower left output MOSFET
PGND
21
power ground
n.c.
22
not connected
GLR
23
gate of lower right output MOSFET
n.c.
24
not connected
n.c.
25
not connected
SHR
26
source of higher right MOSFET
FSR
27
floating supply voltage right
GHR
28
gate of higher right output MOSFET
handbook, halfpage
UBA2033TS
MBL458
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
EXTDR
n.c.
n.c.
HV
n.c.
n.c.
VDD
SU
DD
BD
RC
SGND
GHR
FSR
SHR
n.c.
n.c.
GLR
n.c.
PGND
GLL
n.c.
n.c.
SHL
FSL
GHL
+LVS
−LVS
Fig.2 Pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com