Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6151 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMS6151
Description  Ultra-Portable Video Filter Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6151 Datasheet(HTML) 2 Page - ON Semiconductor

  FMS6151 Datasheet HTML 1Page - ON Semiconductor FMS6151 Datasheet HTML 2Page - ON Semiconductor FMS6151 Datasheet HTML 3Page - ON Semiconductor FMS6151 Datasheet HTML 4Page - ON Semiconductor FMS6151 Datasheet HTML 5Page - ON Semiconductor FMS6151 Datasheet HTML 6Page - ON Semiconductor FMS6151 Datasheet HTML 7Page - ON Semiconductor FMS6151 Datasheet HTML 8Page - ON Semiconductor FMS6151 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6151 • Rev. 1.0.6
June 2010
FMS6151
Ultra-Portable Video Filter Driver
Features
5th-Order 8MHz (SD) Filter
Power Down to 25nA
DC-Coupled Input
AC- or DC-Coupled Output
DC-Coupled Output Eliminates AC-Coupling Cap
SAG Correction Reduces Size of AC-Coupling Cap
Fixed Gain of 6dB
Small, Lead-Free, MicroPak™ Packaging
Applications
Digital Still Cameras
Camera Phones
Personal Digital Assistants
Set Top Boxes
Digital Video Recorders
■
■
■
■
■
■
■
■
■
■
■
■
■
Description
The FMS6151 low-cost integrated video filter is intended
to replace passive LC filters and drivers in low-voltage
portable video applications. The 5th-order filter provides
better image quality compared to typical 2nd- and 3rd-
order passive solutions.
The FMS6151 is intended to be directly driven by a DC-
coupled DAC output. The output can drive an AC- or DC-
coupled doubly terminated coax (150Ω) load. DC-coupling
the output removes the need for an expensive output
coupling capacitor. If an AC-coupled output is needed, the
SAG correction circuit can be used to reduce the AC out-
put coupling capacitor value. Input DC levels are offset by
approximately 100mV. This internal level shift is incorpo-
rated to prevent sync pulse clipping.
Offering SAG correction, 6dB fixed gain, and a 5th-order
low-pass filter in a space-saving MicroPak™ package
makes the FMS6151 well suited for space-sensitive appli-
cations, such as cellular phones and digital cameras.
Ordering Information
Part Number
Operating Temperature Range
Package
Packaging Method
FMS6151L6X
-40°C to +105°C
6-Lead MicroPak™
Reel
Block Diagram
Figure 1. Block Diagram
VIN
VOUT
8MHz,
5th order
+
-
SAG
Vcc = 2.5V to 3.6V
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com