Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6363CS Datasheet(PDF) 8 Page - ON Semiconductor

Part # FMS6363CS
Description  Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6363CS Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FMS6363CS Datasheet HTML 4Page - ON Semiconductor FMS6363CS Datasheet HTML 5Page - ON Semiconductor FMS6363CS Datasheet HTML 6Page - ON Semiconductor FMS6363CS Datasheet HTML 7Page - ON Semiconductor FMS6363CS Datasheet HTML 8Page - ON Semiconductor FMS6363CS Datasheet HTML 9Page - ON Semiconductor FMS6363CS Datasheet HTML 10Page - ON Semiconductor FMS6363CS Datasheet HTML 11Page - ON Semiconductor FMS6363CS Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6363 • Rev. 1.0.4
7
Layout Considerations
Layout and supply bypassing play major roles in high-
frequency performance and thermal characteristics.
For optimum results, follow the steps below as a basis
for high-frequency layout:
Include 10µF and 0.1μF ceramic bypass capacitors
Place the 10μF capacitor within 0.75 inches of the
power pin.
Place the 0.1μF capacitor within 0.1 inches of the
power pin.
Connect all external ground pins as tightly as
possible, preferably with a large ground plane
under the package.
Layout channel connections to reduce mutual trace
inductance.
Minimize all trace lengths to reduce series
inductances. If routing across a board, place device
such that longer traces are at the inputs rather than
the outputs. If using multiple, low-impedance DC-
coupled outputs, special layout techniques may be
employed to help dissipate heat.
If a multilayer board is used, a large ground plane
directly under the device helps reduce package case
temperature.
For dual-layer boards, an extended plane can be used.
Worst-case additional die power due to DC loading can
be estimated at (VCC
2/4Rload) per output channel. This
assumes a constant DC output voltage of VCC
2. For 5V
VCC with a dual DC video load, add 25/(4•75) = 83mW,
per channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com