Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7944BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7944BCPZ
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7944BCPZ Datasheet HTML 2Page - Analog Devices AD7944BCPZ Datasheet HTML 3Page - Analog Devices AD7944BCPZ Datasheet HTML 4Page - Analog Devices AD7944BCPZ Datasheet HTML 5Page - Analog Devices AD7944BCPZ Datasheet HTML 6Page - Analog Devices AD7944BCPZ Datasheet HTML 7Page - Analog Devices AD7944BCPZ Datasheet HTML 8Page - Analog Devices AD7944BCPZ Datasheet HTML 9Page - Analog Devices AD7944BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Data Sheet
AD7944
Rev. C | Page 5 of 28
TIMING SPECIFICATIONS
AVDD = DVDD = 2.5 V, BVDD = 5 V, VIO = 1.8 V to 2.7 V, VREF = 4.096 V, TA = −40°C to +85°C, unless otherwise noted.1
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge
to Data Available
tCONV
Turbo mode
320
ns
tCONV
Normal mode
420
ns
Acquisition Time
tACQ
80
ns
Time Between Conversions
tCYC
Turbo mode
400
ns
tCYC
Normal mode
500
ns
CNV Pulse Width
tCNVH
CS mode
10
ns
Data Read During Conversion
tDATA
Turbo mode
190
ns
tDATA
Normal mode
290
ns
Quiet Time During Acquisition from Last SCK
Falling Edge to CNV Rising Edge
tQUIET
20
ns
SCK Period
tSCK
CS mode
9
ns
tSCK
Chain mode
11
ns
SCK Low Time
tSCKL
3.5
ns
SCK High Time
tSCKH
3.5
ns
SCK Falling Edge to Data Remains Valid
tHSDO
2
ns
SCK Falling Edge to Data Valid Delay
tDSDO
4
ns
CNV or SDI Low to SDO D13 MSB Valid
tEN
5
ns
CNV or SDI High or Last SCK Falling Edge
to SDO High Impedance
tDIS
CS mode
8
ns
SDI Valid Setup Time from CNV Rising Edge
tSSDICNV
4
ns
SDI Valid Hold Time from CNV Rising Edge
tHSDICNV
CS mode
0
ns
tHSDICNV
Chain mode
0
ns
SCK Valid Setup Time from CNV Rising Edge
tSSCKCNV
Chain mode
5
ns
SCK Valid Hold Time from CNV Rising Edge
tHSCKCNV
Chain mode
5
ns
SDI Valid Setup Time from SCK Falling Edge
tSSDISCK
Chain mode
2
ns
SDI Valid Hold Time from SCK Falling Edge
tHSDISCK
Chain mode
3
ns
SDI High to SDO High
tDSDOSDI
Chain mode with busy indicator
15
ns
1
See Figure 2 and Figure 3 for load conditions.
Figure 2. Load Circuit for Digital Interface Timing
Figure 3. Voltage Levels for Timing
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
20pF
90% VIO
10% VIO
VIH1
VIL1
VIL1
VIH1
tDELAY
tDELAY
1MINIMUM VIH AND MAXIMUM VIL USED. SEE DIGITAL INPUTS
SPECIFICATIONS IN TABLE 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com