Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6304 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VT6304
Description  1394.A 4 PORT PHYSICAL LAYER CHIP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6304 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VT6304 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VIA Technologies, Inc.
Preliminary VT6304
7
50
CNA
O
CNA is asserted high when none of the PHY ports are
connected to another active port. This circuit remains active
during the powerdown mode.
84
CMC
I
Programable Contender/Bus Manager Capable. It specifies in
the Self-ID packet that the node is capable of being a bus
manager.
44, 43, 42
PC[0-2]
I
Power
Class.
These
pins
are
used
to
set
the
three
POWER_CLASS bits in the Self-ID packet. They are used to
describe the power consumption and source characteristics of
the node. PC0, 1, 2 are reflected in the Self-ID packet bits 21,
22, 23, respectively.
47
TSI
I
Single Self ID packet. If port 4 is unused, i.e, the resistors and
capacitors for port 4 are not implemented, there is no need to
send the 2nd self ID packet, and the system can get benefit by
tying this pin to digital VDD to reduce self ID packet exchange
time.
41
TSO
I
Test pin. Tied to VT6304 digital VDD ring for normal
operations.
48
ONCT
I
On Chip Termination. If the capacitive isolation barrier is
implemented between the VT6304 and LLC, tie this pin to
VDD will utilize on chip resistors to replace on board 5K
Ohms resistors pair for LREQ, CTL[0:1] and D[0:7] at PHY
side. The resistors for LPS input at PHY side are also replaced
if this pin is tied to VDD. This pin has effects on on-chip
terminations only if ISO_ is tied to ground.
75
PD
I
Power Down. A logic High on this pin turns off all internal
cicuitry except the connection detect circuits, which outputs
the CNA signal.
49
RESET_
I/NC
Reset (active low). The reset pin is connected to an internal 10K
ohm resistor and an external 0.1 uF capacitor is used for
internal reset generation at power-on. The pin can be left
unconnected to save the external capacitors, and then the reset
time after power-on ranges from 0.5 ms to 2 ms. This pin can
also be driven by an open-drain type driver.
38, 37
XI, XO
Crystal
Crystal Oscillator, 3.3V. These pins connect to a 24.576 MHz
parallel resonant fundamental mode crystal. The optimum
values for the external shnut capacitors are dependent on the
specifications of the cystal used. The resulting frequency
variation is +/- 100 ppm.
36, 35
XREXT,
GNDARE
XT
I/O
Current setting resistor terminals. A resistor of 6.2 KOhm +/-
0.5% is required for internal operating currents generation.
Power Supply & Ground
88, 99, 13,
33
VDDARX
supply
Analog receiver power. A combination of high-frequency
decoupling capacitors near these pins are suggested. These
pins are seperated from digital power for noise prevention.
89, 100, 25,
24
GNDARX
supply
Analog receiver ground. These pins are tied together to the low-
impedance circuit board ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com