Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4589 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4589
Description  SMA Male Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4589 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4589 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4589 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4589 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch Interface Type
• Crimp/Solder (Captive Contact) Attachment
• 5/16 inch Hex
Features
• Max. Operating Frequency 3 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 50 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4589 SMA male connector with crimp/solder (captive contact) attachment for RG174, RG316, RG188, LMR-
100, PE-B100, PE-C100 and 0.100 inch is part of our full line of RF components available for same-day shipping. Our SMA
male connector operates up to a maximum frequency of 3 GHz and offers good VSWR of 1.3:1.
Our SMA male connector PE4589 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
1.06 in [26.92 mm]
Width/Dia.
0.312 in [7.92 mm]
.
Weight
0.018 lbs [8.16 g]
.
Mating Torque
3 to 5 in-lbs [0.34 to 0.57 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Crimp/Solder (Captive Contact) Attachment for RG174, RG316, RG188,
LMR-100, PE-B100, PE-C100, 0.100 inch PE4589
PE4589 REV 1.3
SMA Male Connector Crimp/Solder (Captive
Contact) Attachment for RG174, RG316, RG188,
LMR-100, PE-B100, PE-C100, 0.100 inch
RF Connectors Technical Data Sheet
PE4589


Similar Part No. - PE4589

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4589 PASTERNACK-PE4589 Datasheet
353Kb / 3P
SMA Male Connector Crimp - Solder (Captive Contact) Attachment for RG174, RG316, RG188
More results

Similar Description - PE4589

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
SMA Male to SMA Male Adapter
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
Precision SMA Male to SMA Male Adapter
logo
List of Unclassifed Man...
5390 ETC2-5390 Datasheet
102Kb / 1P
SMA MALE TO SMA MALE STRAIGHT ADAPTER
DELTA-1C ETC2-DELTA-1C Datasheet
238Kb / 2P
SMA male connector
logo
Taoglas antenna solutio...
GW.15.2113 TAOGLAS-GW.15.2113 Datasheet
3Mb / 66P
SMA Male Straight Connector
logo
Pasternack Enterprises,...
PE4036 PASTERNACK-PE4036_17 Datasheet
467Kb / 5P
SMA Male Connector Solder Attachment
PE91135 PASTERNACK-PE91135 Datasheet
358Kb / 4P
SMA Male to SMA Male Adapter
PE45460 PASTERNACK-PE45460 Datasheet
536Kb / 6P
SMA Male Connector
PE45461 PASTERNACK-PE45461 Datasheet
548Kb / 6P
SMA Male Connector
logo
Linx Technologies
ADP-SMAM-SMAM LINX-ADP-SMAM-SMAM Datasheet
219Kb / 1P
SMA MALE TO SMA MALE ADAPTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com