Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4607 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4607
Description  75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4607 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4607 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4607 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4607 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Brass
Silver
ASTM-B700
Insulation
PTFE
Body
Brass
Nickel
ASTM-B689
Coupling Nut
Brass
Nickel
ASTM-B689
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment for RG59, RG62, RG71 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment for RG59, RG62, RG71
PE4607
URL: https://www.pasternack.com/bnc-male-standard-rg59-connector-pe4607-p.aspx
PE4607 REV 1.1
RF Connectors Technical Data Sheet
PE4607
75 Ohm BNC Male Right Angle Connector Clamp/
Solder Attachment for RG59, RG62, RG71



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com