Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4612 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4612
Description  75 Ohm BNC Female Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4612 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4612 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4612 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4612 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
75 Ohm BNC Female Connector Clamp/Solder Attachment for RG11, RG144, RG216 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Connector Clamp/Solder Attachment for RG11, RG144, RG216 PE4612
URL: https://www.pasternack.com/bnc-female-standard-rg11-rg216-connector-pe4612-p.aspx
PE4612 REV 1.1
RF Connectors Technical Data Sheet
PE4612
75 Ohm BNC Female Connector Clamp/Solder
Attachment for RG11, RG144, RG216



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com