Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP339U Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # TP339U
Description  Thermopile Infrared Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

TP339U Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  TP339U Datasheet HTML 1Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 2Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 3Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 4Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 5Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 6Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Thermopile Infrared Sensor
TP339
Microelectronics Dept. 2000.05
1 / 7
ROITHNER LASERTECHNIK
Tel: 43-1-5865243-0
Fax: 43-1-5865243-44
http://www.roithner-laser.com
▓ Features
The thermopile sensor consists of a series of 116 thermoelements, forming a sensitive
region size of 545 µm (diameter). The sensor is hermetically sealed into a TO-5 metal
housing, with an optical filter. This standard filter allows measurements to be made in the
spectral range above 5 µm wavelength. The thermosensor exhibits an almost white noise,
comparable to an ohmic resistance. It has a constant signal versus frequency up to its
frequency limit, and is directly proportional to incident radiation. The thermopile sensors are
featured with an additional temperature reference resistor on the same chip. The standard
version of temperature reference resistor is housing connected to ground.
▓ Applications
* Ear thermometers; clinic thermometers
* Infrared thermometers
* Consumer applications: hair dryer, micro-wave oven, air conditioner, refrigerator
* Continuous temperature control of manufacturing
* Security system
* Radiation monitor switch system
* Absorbing measurement for gas analysis
* Thermoelectric converter
* Heat flux flowmeter


Similar Part No. - TP339U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP339UG ETC-TP339UG Datasheet
340Kb / 16P
THERMOPILE
More results

Similar Description - TP339U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
THERMOPILE INFRARED SENSOR
TP337 ETC1-TP337 Datasheet
214Kb / 9P
Thermopile Infrared Sensor
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
THERMOPILE INFRARED SENSOR
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
THERMOPILE INFRARED SENSOR
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
Infrared Thermopile Sensor in Chip-Scale Package
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
Thermopile Infrared (IR) Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com