Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60EPF12 Datasheet(PDF) 2 Page - International Rectifier

Part # 60EPF12
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60EPF12 Datasheet(HTML) 2 Page - International Rectifier

  60EPF12 Datasheet HTML 1Page - International Rectifier 60EPF12 Datasheet HTML 2Page - International Rectifier 60EPF12 Datasheet HTML 3Page - International Rectifier 60EPF12 Datasheet HTML 4Page - International Rectifier 60EPF12 Datasheet HTML 5Page - International Rectifier 60EPF12 Datasheet HTML 6Page - International Rectifier 60EPF12 Datasheet HTML 7Page - International Rectifier 60EPF12 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
60EPF.. 60CPF.. HV QUIET
IR Series
Bulletin I2130 rev. B 01/01
www.irf.com
V
RRM , maximum
V
RSM , maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
60EPF10, 60CPF10
1000
1100
8
60EPF12, 60CPF12
1200
1300
I
F(AV) Max.AverageForwardCurrent
60
A
@T
C = 103° C, 180° conduction half sine wave
I
FSM
Max.PeakOneCycleNon-Repetitive
700
10msSinepulse,ratedVRRMapplied
SurgeCurrent
830
10msSinepulse,novoltagereapplied
I2t
Max. I2t for fusing
2450
10msSinepulse,ratedVRRMapplied
3460
10msSinepulse,novoltagereapplied
I2
√t Max. I2√t for fusing
34600
A2
√s
t=0.1to10ms,novoltagereapplied
Part Number
Voltage Ratings
TJ
Max.JunctionTemperatureRange
-40to150
°C
Tstg Max.StorageTemperatureRange
-40to150
°C
R
thJC Max.ThermalResistanceJunction
0.4
°C/W
DCoperation
toCase
R
thJA Max.ThermalResistanceJunction
40
°C/W
toAmbient
R
thCS TypicalThermalResistance,Caseto
0.2
°C/W
Mountingsurface,smoothandgreased
Heatsink
wt
ApproximateWeight
6(0.21)
g(oz.)
T
MountingTorque
Min.
6(5)
Max.
12(10)
CaseStyle
TO-247AC
JEDEC(Modified)
Thermal-Mechanical Specifications
Parameters
60.PF..
Units
Conditions
Kg-cm
(Ibf-in)
Absolute Maximum Ratings
Electrical Specifications
Recovery Characteristics
Parameters
60.PF..
Units
Conditions
A
A2s
V
FM
Max. Forward Voltage Drop
1.4
V
@ 60A, T
J = 25°C
r
t
Forward slope resistance
4.6
m
Ω
VF(TO) Thresholdvoltage
0.9
V
I
RM
Max. Reverse Leakage Current
0.1
T
J =
25 °C
8TJ = 150 °C
Parameters
60.PF..
Units
Conditions
T
J =
125°C
V
R = rated VRRM
mA
t
rr
Reverse Recovery Time
480
ns
I
F @ 60Apk
I
rr
Reverse Recovery Current
8
A
@ 25A/ µs
Qrr
Reverse Recovery Charge
2.7
µC
@ 25°C
S
Snap Factor
0.6
Parameters
60.PF..
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com