Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4549 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4549
Description  SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4549 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4549 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4549 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4549 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4549 SMA female bulkhead mount connector solder attachment solder cup terminal, .250 inch diameter is
part of our full line of RF components available for same-day shipping. This SMA bulkhead connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our SMA female bulkhead connector PE4549 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.663 in [16.84 mm]
Width/Dia.
0.312 in [7.92 mm]
.
Weight
0.005 lbs [2.27 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Body
Stainless Steel
Gold
MIL-G-45204
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .250 inch
Diameter PE4549
PE4549 REV 1.1
SMA Female Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, .250 inch Diameter
RF Connectors Technical Data Sheet
PE4549


Similar Part No. - PE4549

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4549 PASTERNACK-PE4549 Datasheet
297Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .250 inch Diameter
More results

Similar Description - PE4549

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4549 PASTERNACK-PE4549 Datasheet
297Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .250 inch Diameter
PE4101 PASTERNACK-PE4101 Datasheet
253Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Rear Mount
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4572 PASTERNACK-PE4572_16 Datasheet
319Kb / 3P
7/16 DIN Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4063 PASTERNACK-PE4063_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4065 PASTERNACK-PE4065_16 Datasheet
355Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4101 PASTERNACK-PE4101_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4137 PASTERNACK-PE4137_17 Datasheet
351Kb / 3P
N Female Bulkhead Mount Pressurized Connector Solder Attachment Solder Cup Terminal
PE4240 PASTERNACK-PE4240_16 Datasheet
315Kb / 3P
C Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE44896 PASTERNACK-PE44896 Datasheet
344Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, IP67 Unmated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com