Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM9928 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM9928
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9928 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM9928 Datasheet HTML 1Page - Anpec Electronics Coropration APM9928 Datasheet HTML 2Page - Anpec Electronics Coropration APM9928 Datasheet HTML 3Page - Anpec Electronics Coropration APM9928 Datasheet HTML 4Page - Anpec Electronics Coropration APM9928 Datasheet HTML 5Page - Anpec Electronics Coropration APM9928 Datasheet HTML 6Page - Anpec Electronics Coropration APM9928 Datasheet HTML 7Page - Anpec Electronics Coropration APM9928 Datasheet HTML 8Page - Anpec Electronics Coropration APM9928 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - July., 2003
www.anpec.com.tw
3
APM9928
Notes
b
: Guaranteed by design, not subject to production testing
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
APM9928
Symbol
Parameter
Test Condition
Min. Typ. Max.
Unit
Dynamic>

N-Ch
4.7
7
Qg
Total Gate Charge
P-Ch
3.9
6
N-Ch
0.72
Qgs
Gate-Source Charge
P-Ch
1
N-Ch
0.96
Qgd
Gate-Drain Charge
N-Channel
VDS=10V , IDS= 1A
VGS=4.5V 
P-Channel
VDS=-10V , IDS=-1A
VGS=-4.5V 
P-Ch
1.4
nC
N-Ch
12
24
td(ON)
Turn-on Delay Time
P-Ch
21
40
N-Ch
8
17
Tr
Turn-on Rise Time
P-Ch
45
83
N-Ch
32
60
td(OFF) Turn-off Delay Time
P-Ch
36
70
N-Ch
11
22
Tf
Turn-off Fall Time
N-Channel
VDD=10V , IDS=1A ,
VGEN=4.5V , RG=10Ω
P-Channel
VDD=-10V , IDS=-1A ,
VGEN=-4.5V , RG=10Ω

P-Ch
20
38
ns
N-Ch
376
Ciss
Input Capacitance
P-Ch
495
N-Ch
115
Coss
Output Capacitance
P-Ch
130
N-Ch
58
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=15V
Frequency=1.0MHz
P-Ch
60
pF




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com